Electronic Components Datasheet Search
  English  ▼

X  

PT8913 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT8913
Description  USB Speaker Controller with Class D Amp.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8913 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT8913 Datasheet HTML 1Page - Princeton Technology Corp PT8913 Datasheet HTML 2Page - Princeton Technology Corp PT8913 Datasheet HTML 3Page - Princeton Technology Corp PT8913 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT8913
USB Speaker Controller with Class D Amp.
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT8913 is a cost-efficient single chip for USB
speaker application. It integrated USB controller, 16 bit
audio DAC and high power, high efficient Class-D
audio amplifier in one chip. Only few external
components needed in application circuits makes it
suite for the USB powered speaker system.
The I/O interface is totally follow the USB audio class
specification, no special driver software needs to
install on user’s computer and support most popular
Operating System in the recent market. The PT8913 is
a truly plug and play USB audio device.
APPLICATION
• USB Speaker
FEATURES
• Compliant with USB2.0 full speed specification.
• Compliant with USB Audio class specification.
• Supply voltage: 4.5~5.5V
• Built-in class-D audio amplifier with 1Watt output
power for each channel.
(USB 500mA+8ohm speaker)
• Built-in PLL (48MHz for USB)
• Packages: 24 pins SOP
BLOCK DIAGRAM


Similar Part No. - PT8913

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8913 PTC-PT8913 Datasheet
284Kb / 4P
USB Speaker Controller with Class D Amp.
PT8913-S PTC-PT8913-S Datasheet
284Kb / 4P
USB Speaker Controller with Class D Amp.
PT8913 PTC-PT8913_10 Datasheet
284Kb / 4P
USB Speaker Controller with Class D Amp.
More results

Similar Description - PT8913

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM102-A+ CMEDIA-CM102-A+ Datasheet
198Kb / 21P
USB 2CH Audio Controller for Speaker
logo
Princeton Technology Co...
PT8914 PTC-PT8914 Datasheet
540Kb / 4P
USB Speaker Controller with Class D Amp.
PT8915 PTC-PT8915 Datasheet
281Kb / 5P
USB Speaker Controller with Class-D Amp.
PT8913 PTC-PT8913_10 Datasheet
284Kb / 4P
USB Speaker Controller with Class D Amp.
PT8914 PTC-PT8914_10 Datasheet
540Kb / 4P
USB Speaker Controller with Class D Amp.
PT8915 PTC-PT8915_10 Datasheet
173Kb / 5P
USB Speaker Controller with Class-D Amp.
logo
Analog Devices
SSM2804 AD-SSM2804 Datasheet
642Kb / 36P
Audio Subsystem with Class-D Speaker
REV. 0
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com