Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA64
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA64 Datasheet HTML 17Page - ATMEL Corporation ATMEGA64 Datasheet HTML 18Page - ATMEL Corporation ATMEGA64 Datasheet HTML 19Page - ATMEL Corporation ATMEGA64 Datasheet HTML 20Page - ATMEL Corporation ATMEGA64 Datasheet HTML 21Page - ATMEL Corporation ATMEGA64 Datasheet HTML 22Page - ATMEL Corporation ATMEGA64 Datasheet HTML 23Page - ATMEL Corporation ATMEGA64 Datasheet HTML 24Page - ATMEL Corporation ATMEGA64 Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
2490PS–AVR–07/09
ATmega64(L)
Changes from Rev.
2490I-10/04 to Rev.
2490J-03/05
1.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead Frame Package
QFN/MLF”.
2.
Updated “Electrical Characteristics” on page 325
3.
Updated “Ordering Information” on page 15
Changes from Rev.
2490H-10/04 to
Rev. 2490I-11/04
1.
Removed “Preliminary” and TBD’s.
2.
Updated Table 8 on page 40, Table 11 on page 42, Table 19 on page 52, Table 132 on
page 327, Table 134 on page 330.
3.
Updated features in “Analog to Digital Converter” on page 230.
4.
Updated “Electrical Characteristics” on page 325.
Changes from Rev.
2490G-03/04 to
Rev. 2490H-10/04
1.
Removed references to Analog Ground, IC1/IC3 changed to ICP1/ICP3, Input Capture
Trigger changed to Input Capture Pin.
2.
Updated “ATmega103 and ATmega64 Compatibility” on page 4.
3.
Updated “External Memory Interface” on page 27
4.
Updated “XDIV – XTAL Divide Control Register” to “Clock Sources” on page 38.
5.
Updated code example in “WDTCR – Watchdog Timer Control Register” on page 57.
6.
Added section “Unconnected Pins” on page 70.
7.
Updated Table 19 on page 52, Table 20 on page 56, Table 95 on page 236, and
Table 60 on page 135.
8.
Updated Figure 116 on page 239.
9.
Updated “Version” on page 255.
10. Updated “DC Characteristics” on page 325.
11. Updated “Typical Characteristics” on page 340.
12. Updated features in“Analog to Digital Converter” on page 230 and Table 136 on page
333.
13. Updated “Ordering Information” on page 15.
Changes from Rev.
2490F-12/03 to
Rev. 2490G-03/04
1.
Updated “Errata” on page 18.
Changes from Rev.
2490E-09/03 to
Rev. 2490F-12/03
1.
Updated “Calibrated Internal RC Oscillator” on page 43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com