Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA64 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATMEGA64
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATMEGA64 Datasheet HTML 17Page - ATMEL Corporation ATMEGA64 Datasheet HTML 18Page - ATMEL Corporation ATMEGA64 Datasheet HTML 19Page - ATMEL Corporation ATMEGA64 Datasheet HTML 20Page - ATMEL Corporation ATMEGA64 Datasheet HTML 21Page - ATMEL Corporation ATMEGA64 Datasheet HTML 22Page - ATMEL Corporation ATMEGA64 Datasheet HTML 23Page - ATMEL Corporation ATMEGA64 Datasheet HTML 24Page - ATMEL Corporation ATMEGA64 Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
ATmega64(L)
2490PS–AVR–07/09
Changes from Rev.
2490D-02/03 to Rev.
2490E-09/03
1.
Updated note in “XDIV – XTAL Divide Control Register” on page 39.
2.
Updated “JTAG Interface and On-chip Debug System” on page 50.
3.
Updated “TAP – Test Access Port” on page 248 regarding JTAGEN.
4.
Updated description for the JTD bit on page 258.
5.
Added a note regarding JTAGEN fuse to Table 118 on page 292.
6.
Updated R
PU values in “DC Characteristics” on page 325.
7.
Updated “ADC Characteristics” on page 332.
8.
Added a proposal for solving problems regarding the JTAG instruction
IDCODE in “Errata” on page 18.
Changes from Rev.
2490C-09/02 to Rev.
2490D-02/03
1.
Added reference to Table 124 on page 296 from both SPI Serial Programming
and Self Programming to inform about the Flash page size.
2.
Added Chip Erase as a first step under “Programming the Flash” on page 322
and “Programming the EEPROM” on page 323.
3.
Corrected OCn waveforms in Figure 52 on page 126.
4.
Various minor Timer1 corrections.
5.
Improved the description in “Phase Correct PWM Mode” on page 101 and on
page 153.
6.
Various minor TWI corrections.
7.
Added note under "Filling the Temporary Buffer (Page Loading)" about writ-
ing to the EEPROM during an SPM page load.
8.
Removed ADHSM completely.
9.
Added note about masking out unused bits when reading the Program Coun-
ter in “Stack Pointer” on page 14.
10. Added section “EEPROM Write During Power-down Sleep Mode” on page 25.
11. Changed V
HYST value to 120 in Table 19 on page 52.
12. Added information about conversion time for Differential mode with Auto
Triggering on page 234.
13. Added t
WD_FUSE in Table 128 on page 308.
14. Updated “Packaging Information” on page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com