Electronic Components Datasheet Search
  English  ▼

X  

CM6802AXIP Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM6802AXIP
Description  EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802AXIP Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM6802AXIP Datasheet HTML 1Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 2Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802AXIP Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM)
http://www.championmicro.com.tw
EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.4
Champion Microelectronic Corporation
4
Simplified Block Diagram (CM6802A/B/AH/BH)
VFB
VFB
15
ZENER
17V
NPFC
ISENSE
3
VEAO
MNPFC
S
R
Q
Q
VFB
0.5V
+
-
PFC Tri-Fault
IAC
2
PFC OUT
12
VFB
-1.0V
PPWM
ZENER
17V
2.36V
RAMP1
7
S
R
Q
Q
VREF
14
5
VRMS
4
REFERENCE
7.5V
VCC
+
-
PFC CMP
Rmul
380V-OK
+
-
.
RAMP2
8
ISENSE
IEAO
1
PWM OUT
11
+
-
PFC ILIMIT
UVLO
1.0V
+
-
Green PFC
GND
10
0.3V
GMv
-
+
.
VEAO
16
VCC
VCC
VCC
1.8V
Green PWM
10uA
300
S
R
Q
Q
S
DC ILIMIT
VDC
6
PFC OVP
+
-
.
VCC
13
2.5V
MPPFC
GMi
+
-
.
VREF+2.5V
2.85V
PFCCLK
PWMCLK
.
.
PFC RAMP
SW SPST
PFC
MODULATOR
GAIN
DC ILIMIT
9
Rmul
Zener
16.5V
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are those values beyond which the device could be permanently damaged.
Parameter
Min.
Max.
Units
VCC
18
V
IEAO
0
VREF+0.3
V
ISENSE Voltage
-5
0.7
V
GND – 0.3
VCC + 0.3
V
GND – 0.3
VCC + 0.3
V
PFC OUT
PWMOUT
Voltage on Any Other Pin
GND – 0.3
VCC + 0.3
V
IREF
5
mA
IAC Input Current
1
mA
Peak PFC OUT Current, Source or Sink
0.5
A
Peak PWM OUT Current, Source or Sink
0.5
A
PFC OUT, PWM OUT Energy Per Cycle
1.5
μ J
Junction Temperature
150
℃
Storage Temperature Range
-65
150
℃
Operating Temperature Range
-40
125
℃
Lead Temperature (Soldering, 10 sec)
260
℃
Thermal Resistance (θJA)
Plastic DIP
Plastic SOIC
80
105
℃
/W
℃
/W
Power Dissipation (PD) TA<50℃
800
mW
ESD Capability, HBM Model
5.5
KV
ESD Capability, CDM Model
1250
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com