Electronic Components Datasheet Search
  English  ▼

X  

AFE0064 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE0064
Description  64 Channel Analog Front End for Digital X-Ray Detector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE0064 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE0064 Datasheet HTML 5Page - Texas Instruments AFE0064 Datasheet HTML 6Page - Texas Instruments AFE0064 Datasheet HTML 7Page - Texas Instruments AFE0064 Datasheet HTML 8Page - Texas Instruments AFE0064 Datasheet HTML 9Page - Texas Instruments AFE0064 Datasheet HTML 10Page - Texas Instruments AFE0064 Datasheet HTML 11Page - Texas Instruments AFE0064 Datasheet HTML 12Page - Texas Instruments AFE0064 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DATA READ
IRST
SHR
INTG
SHS
STI
CLK
TFT ON (t5)
~0.5 uSec
t1
t1
t1
t2
t3
t4
t6
t7
t8
t- Scan
EOC
t9
1
2
33
65
132
133
1
2
8
17
32
33
IRST
CLK
SHR
Integratoro/pat
resetlevel
Deviceintegratinginput
channelleakagecurrent
Deviceintegratingacquired
charge
Integrator
o/p
RST sampleBW
limitedbyfilter
ClkNoinSequentialmode
ClkNoinSimultmode
32
8
64
16
AFE0064
www.ti.com ........................................................................................................................................................................................ SLAS672 – SEPTEMBER 2009
Figure 2. Integration and Data Read
As shown in Figure 2, the device performs two functions, ‘Integration’ and ‘Data Read’ during each scan
(indicated by 't-Scan'). Signals IRST, SHR, SHS, INTG, CLK control 'Integration Function' and STI, CLK control
'Data Read Function'. EOC is a device output and a low level on the EOC pin indicates a data read is in
progress.
Charge Integration
Integration function consists of two phases namely ‘Reset’ and ‘Integration’.
IRST rising edge starts the ‘Reset’ phase which ends with SHR rising edge. Figure 3 shows the detailed timing
waveform for the reset phase.
Figure 3. Timing Diagram Showing Details of Reset Phase
In this phase the device resets all 64 integration capacitors. This reset-level voltage depends on the integration
mode (selected by the INTUPz pin). Integrator output is reset to REFM for ‘integration-up’ mode and is reset to
REFP in ‘integration-down’ mode. Note that the integrator reset switch is on from IRST rising edge to the end of
the 32nd clock for sequential mode and up to the 8th clock for simultaneous mode. SHR and filter bypass
switches (see Figure 1) are on right from IRST rising edge to the 64th clock falling edge.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :AFE0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com