Electronic Components Datasheet Search
  English  ▼

X  

AFE0064 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AFE0064
Description  64 Channel Analog Front End for Digital X-Ray Detector
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE0064 Datasheet(HTML) 3 Page - Texas Instruments

  AFE0064 Datasheet HTML 1Page - Texas Instruments AFE0064 Datasheet HTML 2Page - Texas Instruments AFE0064 Datasheet HTML 3Page - Texas Instruments AFE0064 Datasheet HTML 4Page - Texas Instruments AFE0064 Datasheet HTML 5Page - Texas Instruments AFE0064 Datasheet HTML 6Page - Texas Instruments AFE0064 Datasheet HTML 7Page - Texas Instruments AFE0064 Datasheet HTML 8Page - Texas Instruments AFE0064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AFE0064
www.ti.com ........................................................................................................................................................................................ SLAS672 – SEPTEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE / UNIT
IN <n> to VSS
–0.3 V to +VDD + 0.3 V
VDD to AGND
–0.3 V to 5 V
Digital input voltage to GND
–0.3 V to (+VDD + 0.3 V)
Digital output to GND
–0.3 V to (+VDD + 0.3 V)
Operating temperature range
–40°C to 85°C
Storage temperature range
–65°C to 150°C
Junction temperature (TJmax)
150°C
Power dissipation
(TJ max – TA)/ θJA
TQFP package(2)
θJA Thermal impedance
45°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Device confirms to MSL level 3 at 260°C as per JEDEC -033.
SPECIFICATIONS
TA = 25 to 85°C, +VDD = 3.3 V, fCLK = 15 MHz for sequential mode and 3.75 MHz for simultaneous mode, scan time = 28.32
µs (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT RANGE
Range 0
0.13
ρC
Range 1
0.25
ρC
Range 2
0.5
ρC
Range 3
1.2
ρC
Range 4
2.4
ρC
Range 5
4.8
ρC
Range 6
7.2
ρC
Range 7
9.6
ρC
Input current
30
µA
Integrator positive input voltage
1.66
1.68
1.70
V
ANALOG OUTPUT
Differential full scale analog output
For all ranges
–(REFP-
±1.4
(REFP-
V
REFM)
REFM)
Output common-mode voltage
1.55
(REFP+REFM)/2
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :AFE0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com