Electronic Components Datasheet Search
  English  ▼

X  

AM3505 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AM3505
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3505 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM3505 Datasheet HTML 35Page - Texas Instruments AM3505 Datasheet HTML 36Page - Texas Instruments AM3505 Datasheet HTML 37Page - Texas Instruments AM3505 Datasheet HTML 38Page - Texas Instruments AM3505 Datasheet HTML 39Page - Texas Instruments AM3505 Datasheet HTML 40Page - Texas Instruments AM3505 Datasheet HTML 41Page - Texas Instruments AM3505 Datasheet HTML 42Page - Texas Instruments AM3505 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 184 page
background image
AM3517/05 ARM Microprocessor
www.ti.com
SPRS550 – OCTOBER 2009
Table 2-3. External Memory Interfaces – GPMC Signals Description (ZCN Pkg.) (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
BALL
SUBSYSTEM PIN
(ZCN Pkg.) [4]
MULTIPLEXING
[5]
gpmc_d0
GPMC Data bit 0
IO
G5
gpmc_a1/ gpmc_d0
gpmc_d1
GPMC Data bit 1
IO
G4
gpmc_a2/ gpmc_d1
gpmc_d2
GPMC Data bit 2
IO
G3
gpmc_a3/ gpmc_d2
gpmc_d3
GPMC Data bit 3
IO
G2
gpmc_a4/ gpmc_d3
gpmc_d4
GPMC Data bit 4
IO
G1
gpmc_a5/ gpmc_d4
gpmc_d5
GPMC Data bit 5
IO
H2
gpmc_a6/ gpmc_d5
gpmc_d6
GPMC Data bit 6
IO
H1
gpmc_a7 /gpmc_d6
gpmc_d7
GPMC Data bit 7
IO
J5
gpmc_a8/ gpmc_d7
gpmc_d8
GPMC Data bit 8
IO
J4
gpmc_a9/ gpmc_d8
gpmc_d9
GPMC Data bit 9
IO
J3
gpmc_a10/ gpmc_d9
gpmc_d10
GPMC Data bit 10
IO
J2
gpmc_a11/ gpmc_d10
gpmc_d11
GPMC Data bit 11
IO
J1
gpmc_a12/ gpmc_d11
gpmc_d12
GPMC Data bit 12
IO
K4
gpmc_a13/ gpmc_d12
gpmc_d13
GPMC Data bit 13
IO
K3
gpmc_a14/ gpmc_d13
gpmc_d14
GPMC Data bit 14
IO
K2
gpmc_a15/ gpmc_d14
gpmc_d15
GPMC Data bit 15
IO
K1
gpmc_a16/ gpmc_d15
gpmc_ncs0
GPMC Chip Select 0
O
L2
NA
gpmc_ncs1
GPMC Chip Select 1
O
L1
NA
gpmc_ncs2
GPMC Chip Select 2
O
M4
NA
gpmc_ncs3
GPMC Chip Select 3
O
M3
NA
gpmc_ncs4
GPMC Chip Select 4
O
M2
NA
gpmc_ncs5
GPMC Chip Select 5
O
M1
NA
gpmc_ncs6
GPMC Chip Select 6
O
N5
NA
gpmc_ncs7
GPMC Chip Select 7
O
N4
NA
gpmc_clk
GPMC clock
O
N1
NA
gpmc_nadv_ale
Address Valid or Address Latch Enable
O
R1
NA
gpmc_noe
Output Enable
O
R2
NA
gpmc_nwe
Write Enable
O
R3
NA
gpmc_nbe0_cle
Lower Byte Enable. Also used for Command
O
R4
NA
Latch Enable
gpmc_nbe1
Upper Byte Enable
O
T1
NA
gpmc_nwp
Flash Write Protect
O
T2
NA
gpmc_wait0
External indication of wait
I
T3
NA
gpmc_wait1
External indication of wait
I
T4
NA
gpmc_wait2
External indication of wait
I
T5
NA
gpmc_wait3
External indication of wait
I
U1
NA
Table 2-4. External Memory Interfaces – SDRC Signals Description (ZCN Pkg.)
SIGNAL NAME[1]
DESCRIPTION[2]
TYPE[3]
BALL
(ZCN Pkg.) [4]
sdrc_d0
SDRAM data bit 0
IO
B21
sdrc_d1
SDRAM data bit 1
IO
A21
sdrc_d2
SDRAM data bit 2
IO
D20
sdrc_d3
SDRAM data bit 3
IO
C20
sdrc_d4
SDRAM data bit 4
IO
E19
sdrc_d5
SDRAM data bit 5
IO
D19
Submit Documentation Feedback
TERMINAL DESCRIPTION
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com