Electronic Components Datasheet Search
  English  ▼

X  

AM3505 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AM3505
Description  ARM Microprocessor
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3505 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM3505 Datasheet HTML 59Page - Texas Instruments AM3505 Datasheet HTML 60Page - Texas Instruments AM3505 Datasheet HTML 61Page - Texas Instruments AM3505 Datasheet HTML 62Page - Texas Instruments AM3505 Datasheet HTML 63Page - Texas Instruments AM3505 Datasheet HTML 64Page - Texas Instruments AM3505 Datasheet HTML 65Page - Texas Instruments AM3505 Datasheet HTML 66Page - Texas Instruments AM3505 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 184 page
background image
3.3 DC Electrical Characteristics
AM3517/05 ARM Microprocessor
www.ti.com
SPRS550 – OCTOBER 2009
Table 3-4 summarizes the dc electrical characteristics.
Table 3-4. DC Electrical Characteristics(1)
PARAMETER
MIN
NOM
MAX
UNIT
LVCMOS Pin Buffers
VIH
High-level input voltage
vddshv = 1.8 V
0.6 x vddshv
vddshv + 0.3
V
vddshv = 3.3 V
0.6 x vddshv
vddshv + 0.3
VIL
Low-level input voltage
vddshv = 1.8 V
TBD
0.3 x vddshv
V
vddshv = 3.3 V
TBD
0.6
VOH
High-level output voltage(2)
vddshv = 1.8 V
vddshv x 0.2
V
vddshv = 3.3 V
0.75 x vddshv
VOL
Low-level output voltage(2)
vddshv = 1.8 V
0.2
V
vddshv = 3.3 V
0.125 x
vddshv
tT
Input transition time (rise time, tR or fall time, tF evaluated
10
ns
between 10% and 90% at PAD)
II
Input current with VI = VI max
TBD
TBD
A
IOZ
Off-state output current for output in high impedance with driver
TBD
TBD
A
only, driver disabled
Off-state output current for output in high impedance with
TBD
driver/receiver/pullup only, driver disabled, pullup not inhibited
Off-state output current for output in high impedance with
TBD
driver/receiver/pulldown only, driver disabled, pulldown not
inhibited
IZ
Total leakage current through the PAD connection of a
TBD
TBD
A
driver/receiver combination that may include a pullup or pulldown.
The driver output is disabled and the pullup or pulldown is
inhibited.
LVCMOS Open-Drain Pin Buffers Dedicated to I2C IOs
VIH
High level input voltage
TBD
TBD
V
VIL
Low level input voltage
TBD
0.6
V
VOL
Low-level output voltage open-drain at 3-mA sink current
TBD
TBD
V
II
Input current at each I/O pin with an input voltage between 0.1 x
TBD
TBD
A
vddshv to 0.9 x vddshv
CI
Capacitance for each I/O pin
TBD
pF
TOF
Output fall time from VIHmin to VILmax with a
Fast mode
TBD
TBD
ns
bus capacitance CB from 10 pF to 400 pF
Standard mode
TBD
Output fall time with a capacitive load from 10 High-speed mode
TBD
TBD
pF to 100 pF at 3-mA sink current
Output fall time with a capacitive load of 400
TBD
TBD
pF at 3-mA sink current
Output fall time with a capacitive load of 40
TBD
pF (for CBUS compatibility)
Complex IO Dedicated to USB
VIH
High-level input voltage
TBD
TBD
V
VIL
Low-level input voltage
TBD
0.6
V
VOH
High-level output voltage at 4-mA sink current
TBD
V
VOL
Low-level output voltage at 4-mA sink current
TBD
V
II
Input current at each I/O pin with an input voltage between 0.1 x
TBD
TBD
A
vddshv to 0.9 x vddshv
CI
Capacitance for each I/O pin
TBD
pF
(1)
Values are subject to change after characterization.
(2)
With 100 A sink / source current at vddsxmin.
Submit Documentation Feedback
ELECTRICAL CHARACTERISTICS
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com