Electronic Components Datasheet Search
  English  ▼

X  

TPS51513 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51513
Description  SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51513 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS51513 Datasheet HTML 13Page - Texas Instruments TPS51513 Datasheet HTML 14Page - Texas Instruments TPS51513 Datasheet HTML 15Page - Texas Instruments TPS51513 Datasheet HTML 16Page - Texas Instruments TPS51513 Datasheet HTML 17Page - Texas Instruments TPS51513 Datasheet HTML 18Page - Texas Instruments TPS51513 Datasheet HTML 19Page - Texas Instruments TPS51513 Datasheet HTML 20Page - Texas Instruments TPS51513 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Thermal Shutdown
Current Monitor
IMON
IMON
IMON
CS
V
K
R
V
=
´
´
(6)
CS
CSINT
IMON
IMON2
IMON
8
V
A
R
R
V
´
´
´
=
(7)
VID Table
TPS51513
www.ti.com ...................................................................................................................................................................................................... SLUS956 – JUNE 2009
The OCP values refer to the voltage between the current sense inputs. Refer to the parameter table to choose
the appropriate TRIPSEL value. The value of RSLEW changes depending on the termination. See the Voltage
Slewing section for details.
In OCP, the voltage droops until the UVP limit is reached. After the UPC limit is reached (approximately 80
µs
later) the converter sets PGOOD and PG signals inactive, performs the soft-stop sequence, and then latches
OFF. The converter remains in this state until the device is reset.
Negative Overcurrent Protection
The negative OCP circuit acts when the converter is sinking current. The converter continues to act in a “valley”
mode, so to have a similar negative DC limit, the absolute value of the negative OCP set point is typically 50%
higher than the positive one.
The TPS51513 has an internal temperature sensor. When the temperature reaches a nominal 160°C, the device
shuts down until the temperature cools approximately 10°C. Then, the converter latches off until either EN or
V5IN is cycled.
The TPS51513 includes a current monitor function. The current monitor puts out an analog voltage proportional
to the output power on the IMON pin. The equation is shown in Equation 6.
where
• K
IMON is given in the parameter table
• V
CS is the differential voltage at the inputs to the current sense amplifiers
In order to increase the accuracy of the current monitor over temperature the IMON2 pin is provided to match the
temperature coefficients of two critical resistors in the circuit. Connect a resistor from IMON2 to VREF.
After determining the full-scale voltage on the IMON output (VIMON) and selecting RIMON, the value of RIMON2
resistor can be calculated as shown in Equation 7.
where
• A
CSINT is the gain of the internal current sense amplifier (given in the parameter table)
• 8 is the internal current mirror ratio
The IMON output requires a ceramic capacitor
≥3.3 nF connected to GSNS (or GND) for stable operation.
IMON Clamp Function
The IMON function also includes a clamp to prevent overvoltage of the device reading the IMON voltage. The
clamp voltage is set by the voltage applied at the IMONC pin (pin 12). IMONC is intended to be connected to the
same supply voltage as the downstream A/D converter, but other implementations are possible. To meet the
specified tolerances, a minimum headroom voltage for the IMON clamp must be observed. The V5FILT voltage
needs to be higher than the IMONC voltage by a minimum amount specified in the parameter table. Bypass
IMONC with a ceramic capacitor
≥0.1
µF connected to GND.
The TPS51513 belongs to a family of power management devicess that can be programmed to any eight VID
values. These values are from 0.3 V to 1.5 V in 12.5 mV steps. The specific VID selections for the TPS51513 are
given in Table 4. Other VID selections are possible, and are provided under a different device number. Contact
your TI field support team for details.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :TPS51513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com