Electronic Components Datasheet Search
  English  ▼

X  

US201 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # US201
Description  POWER SWITCHES WITH FLAG
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US201 Datasheet(HTML) 2 Page - Unisonic Technologies

  US201 Datasheet HTML 1Page - Unisonic Technologies US201 Datasheet HTML 2Page - Unisonic Technologies US201 Datasheet HTML 3Page - Unisonic Technologies US201 Datasheet HTML 4Page - Unisonic Technologies US201 Datasheet HTML 5Page - Unisonic Technologies US201 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US201/US201A
Preliminary
CMOS IC
www.unisonic.com.tw
2 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-302.b
MARKING
321
5
4
USB
Current Code
1: 500mA
A: 1.1A
L: Lead Free
L: Halogen Free
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
CTL
High active
2
GND
Ground
3
FLG
Open-drain fault flag output
4
VIN
Power input voltage
5
VOUT
Output voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com