Electronic Components Datasheet Search
  English  ▼

X  

US201 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # US201
Description  POWER SWITCHES WITH FLAG
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US201 Datasheet(HTML) 4 Page - Unisonic Technologies

  US201 Datasheet HTML 1Page - Unisonic Technologies US201 Datasheet HTML 2Page - Unisonic Technologies US201 Datasheet HTML 3Page - Unisonic Technologies US201 Datasheet HTML 4Page - Unisonic Technologies US201 Datasheet HTML 5Page - Unisonic Technologies US201 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
US201/US201A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-302.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
6.5
V
Supply Voltage
VCC
+2~ +5.5 (Note 3)
V
-0.3~ +6.5
V
CTL
VCTL
0~ +5.5 (Note 3)
V
Input/Output Pins
FLG
FLG
V
6.5
V
Power Dissipation (Ta=25°С)
PD
0.25
W
150
℃
Junction Temperature
TJ
-20~ +100 (Note 3)
℃
Storage Temperature
TSTG
-65~ +150
℃
Note:1.
2.
3.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Stresses listed as the "Absolute Maximum Ratings" will cause permanent damage to the device.
The device is not guaranteed to function when it’s beyond its operating conditions.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Ambient
θJA
250
℃
/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Logic-Low Voltage
VIL
VIN=2V~5.5V, Switch OFF
0.8
V
CTL Threshold
Logic-High Voltage
VIH
VIN=2V~5.5V, Switch ON
2.0
V
Under-Voltage Lockout
VUVLO
VIN increasing
1.3
1.7
V
Under-Voltage Hysteresis
∆VUVLO
VIN decreasing
0.1
V
ISW(ON)
switch on, VOUT=OPEN
25
45
µA
Supply Current
ISW(OFF)
switch off, VOUT=OPEN
0.1
1
µA
CTL Input Current
II(CTL)
VCTL=0V~5.5V
0.01
µA
Output Leakage Current
IO(LEAK)
VCTL=0V, RLOAD=0Ω
0.5
10
µA
US201
0.5
0.8
1.1
A
Current Limit
ILIMIT
RLOAD=1Ω
US201A
1.1
1.5
2.0
A
US201
0.8
A
Short Circuit Fold-Back Current
ISC(FB)
VOUT=0V, measured prior
to thermal shutdown
US201A
1.0
A
IOUT= 500mA
US201
80
100
mΩ
Switch ON Resistance
RDS(ON)
IOUT=1.1A
US201A
80
100
mΩ
FLAG OFF Current
(OFF)
FLG
I
FLG
V=5V
0.01
1
µA
FLAG Output Resistance
FLG
R
ISINK=1mA
20
400
Ω
FLAG Delay Time
tD
From fault condition to FLG assertion
2
10
15
ms
Output Turn-ON Rise Time
tON(RISE)
10% ~ 90% of VOUT rising
400
µs
Thermal Shutdown Protection
TSD
130
℃
Thermal Shutdown Hysteresis
∆TSD
20
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com