Electronic Components Datasheet Search
  English  ▼

X  

UT6302 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT6302
Description  P-CHANNEL ENHANCEMENT MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT6302 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT6302 Datasheet HTML 1Page - Unisonic Technologies UT6302 Datasheet HTML 2Page - Unisonic Technologies UT6302 Datasheet HTML 3Page - Unisonic Technologies UT6302 Datasheet HTML 4Page - Unisonic Technologies UT6302 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT6302
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-363.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=-0.61A, VGS=0V (Note 2)
-1.2
V
Maximum Continuous Drain-Source
Diode Forward Current
IS
-0.54
A
Maximum Pulsed Drain-Source Diode
Forward Current (Note 1)
ISM
-4.9
A
Reverse Recovery Time
tRR
35
53
nS
Reverse Recovery Charge
QRR
TJ=25°C ,IF=-0.61A,
di/dt=100A/µs (Note 2)
26
39
nC
Notes: 1. Repetitive Rating; Pulse width limited by TJ(MAX)
2. Pulse Width ≤300μs, Duty Cycle ≤2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com