Electronic Components Datasheet Search
  English  ▼

X  

UT6302 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT6302
Description  P-CHANNEL ENHANCEMENT MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT6302 Datasheet(HTML) 5 Page - Unisonic Technologies

  UT6302 Datasheet HTML 1Page - Unisonic Technologies UT6302 Datasheet HTML 2Page - Unisonic Technologies UT6302 Datasheet HTML 3Page - Unisonic Technologies UT6302 Datasheet HTML 4Page - Unisonic Technologies UT6302 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UT6302
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-363.a
TEST CIRCUITS AND WAVEFORMS(Cont.)
50kΩ
0.3µF
D.U.T.
VDS
Same Type as D.U.T.
0.2µF
12V
VGS
-3mA
IG
ID
-
+
Current Sampling Resistors
Current Regulator
-4.5V
Charge
QGS
QGD
QG
VG
Gate Charge Test Circuit
Gate Charge Waveforms
VDS
VGS
90%
10%
td(ON)
tR
tF
td(OFF)
Switching Time Test Circuit
Switching Time Waveforms
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com