Electronic Components Datasheet Search
  English  ▼

X  

SCM1101M Datasheet(PDF) 9 Page - Sanken electric

Part # SCM1101M
Description  High Voltage 3-Phase Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1101M Datasheet(HTML) 9 Page - Sanken electric

Back Button SCM1101M Datasheet HTML 4Page - Sanken electric SCM1101M Datasheet HTML 5Page - Sanken electric SCM1101M Datasheet HTML 6Page - Sanken electric SCM1101M Datasheet HTML 7Page - Sanken electric SCM1101M Datasheet HTML 8Page - Sanken electric SCM1101M Datasheet HTML 9Page - Sanken electric SCM1101M Datasheet HTML 10Page - Sanken electric SCM1101M Datasheet HTML 11Page - Sanken electric SCM1101M Datasheet HTML 12Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
High Voltage 3 Phase Motor Driver
SCM1101M
9
WARNING
— These devices are designed to be operated at lethal voltages and energy levels. Circuit designs
that embody these components must conform with applicable safety requirements. Precautions must be
taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
•
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
•
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
•
Reinspect for rust on leads and solderability of products that have
been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between adjacent products, and
shorts to the heatsink.
Remarks About Using Silicone Grease with a Heatsink
•
When silicone grease is used in mounting this product on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce stress.
•
Volatile-type silicone greases may permeate the product and
produce cracks after long periods of time, resulting in reduced
heat radiation effect, and possibly shortening the lifetime of the
product.
•
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
GE Toshiba Silicone Co., Ltd.
SC102
Dow Corning Toray Silicone Co., Ltd.
Heatsink Mounting Method
Torque When Tightening Mounting Screws. The recommended tightening
torque for this product package type is: 58.8 to 78.4 N•cm (6.0 to
8.0 kgf•cm).
Soldering
•
When soldering the products, please be sure to minimize the
working time, within the following limits:
260±5°C 10 s
380±5°C
5 s
•
Soldering iron should be at a distance of at least 1.5 mm from the
body of the products
Electrostatic Discharge
•
When handling the products, operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance to ground to prevent shock hazard.
•
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
•
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
•
When soldering the products, the head of soldering irons or the
solder bath must be grounded in other to prevent leak voltages
generated by them from being applied to the products.
•
The products should always be stored and transported in our
shipping containers or conductive containers, or be wrapped in
aluminum foil.
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com