Electronic Components Datasheet Search
  English  ▼

X  

SCM1101M Datasheet(PDF) 2 Page - Sanken electric

Part # SCM1101M
Description  High Voltage 3-Phase Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1101M Datasheet(HTML) 2 Page - Sanken electric

  SCM1101M Datasheet HTML 1Page - Sanken electric SCM1101M Datasheet HTML 2Page - Sanken electric SCM1101M Datasheet HTML 3Page - Sanken electric SCM1101M Datasheet HTML 4Page - Sanken electric SCM1101M Datasheet HTML 5Page - Sanken electric SCM1101M Datasheet HTML 6Page - Sanken electric SCM1101M Datasheet HTML 7Page - Sanken electric SCM1101M Datasheet HTML 8Page - Sanken electric SCM1101M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High Voltage 3 Phase Motor Driver
SCM1101M
2
Selection Guide
Part Number
Packing
IGBT Breakdown
Voltage, VCES(min)
(V)
IGBT Saturation
Voltage, VCE(sat)(typ)
(V)
Output Current
Continuous, IO(max)
(A)
Pulsed, IOP (max)
(A)
SCM1101M
10 pieces per tube
600
1.75
10
20
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Absolute Maximum Ratings
, valid at TA = 25°C
Characteristic
Symbol
Remarks
Rating
Units
IGBT Breakdown Voltage
VCES
VCC = 15 V, IC = 1 mA, VIN = 0 V
600
V
Logic Supply Voltage
VCC
Between VCC and COM
20
V
Boot-strap Voltage
VBS
Between VB and HS (U,V,W)
20
V
Output Current, Continuous
IO
TCase = 25°C
10
A
Output Current, Pulsed
IOP
Pulse Width ≤ 100 μs20
A
Input Voltage
VIN
–0.5 to 7
V
FO Terminal Voltage
VFO
Between FO and COM
7
V
Maximum Allowable Power Dissipation
PD
TCase = 25°C, 1 element operation (IGBT)
19
W
Thermal Resistance, Junction-to-Case
RθJC
1 element operation (IGBT)
6.3
°C/W
1 element operation (FWD)
6.5
°C/W
Case Operation Temperature
TCOP
–20 to 100
°C
Junction Temperature (IGBT)
TJ
150
°C
Storage Temperature
Tstg
–40 to 150
°C
Isolation Voltage
Viso
Between exposed tab region and each pin; 1 minute, ac
1500
Vrms
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VBB
Between VBB and LS
–
300
450
V
Logic Supply Voltage
VCC
Between VCC and COM
13.5
–
16.5
V
Logic Supply Voltage
VBS
Between VB and HS
13.5
–
16.5
V
Minimum Input Pulse Width
tINmin(on)
0.5
–
–
μs
tINmin(off)
0.5
–
–
μs
Dead Time
tdead
1.5
–
–
μs
Junction Temperature
TJ
–
–
125
°C
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com