Electronic Components Datasheet Search
  English  ▼

X  

2N5550 Datasheet(PDF) 4 Page - Daya Electric Group Co., Ltd.

Part # 2N5550
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

2N5550 Datasheet(HTML) 4 Page - Daya Electric Group Co., Ltd.

  2N5550 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 3Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 4Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 5Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 6Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5550, 2N5551
4
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
IC = 1.0 mA
0
0.3
0.005
0.01
0.2
0.5
1.0
2.0
20
50
0.8
0.5
0.4
0.9
0.7
0.6
0.2
0.02
0.05
0.1
10
0.1
10 mA
30 mA
100 mA
5.0
Figure 3. Collector Cut−Off Region
IC, COLLECTOR CURRENT (mA)
1.0
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
2.5
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE(sat)
0.1
0.2
0.5
Figure 4. “On” Voltages
VBE, BASE−EMITTER VOLTAGE (VOLTS)
101
10−5
Figure 5. Temperature Coefficients
TJ = −55°C to +135°C
0.4
0.3
0.1
0.8
0.6
0.4
0.2
0
100
10−1
10−2
10−3
10−4
0.2
0
0.1
0.2
0.4
0.3
0.6
0.5
VCE = 30 V
TJ = 125°C
75°C
25°C
IC = ICES
3.0
30
2.0
1.5
1.0
0.5
0
− 0.5
− 1.0
− 1.5
− 2.0
− 2.5
REVERSE
FORWARD
0.3
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
3.0
30
0.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com