Electronic Components Datasheet Search
  English  ▼

X  

2N5550 Datasheet(PDF) 1 Page - Daya Electric Group Co., Ltd.

Part # 2N5550
Description  Amplifier Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

2N5550 Datasheet(HTML) 1 Page - Daya Electric Group Co., Ltd.

  2N5550 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 3Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 4Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 5Page - Daya Electric Group Co., Ltd. 2N5550 Datasheet HTML 6Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 3
1
2N5550/D
2N5550, 2N5551
Preferred Device
Amplifier Transistors
NPN Silicon
Features
• Pb−Free Packages are Available*
• Device Marking: Device Type, e.g., 2N5550, Date Code
MAXIMUM RATINGS
Rating
Symbol
2N5550
2N5551
Unit
Collector − Emitter Voltage
VCEO
140
160
Vdc
Collector − Base Voltage
VCBO
160
180
Vdc
Emitter − Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
600
mAdc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation
@ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance,
Junction−to−Case
RqJC
83.3
°C/W
TO−92
CASE 29
STYLE 1
1 2
3
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
COLLECTOR
3
2
BASE
1
EMITTER
55xx
Specific Device Code
Y
= Year
WW
= Work Week
MARKING
DIAGRAM
2N
55xx
YWW


Similar Part No. - 2N5550

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5550 ONSEMI-2N5550 Datasheet
188Kb / 6P
mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
NPN high-voltage transistors
1999 Apr 23
logo
Samsung semiconductor
2N5550 SAMSUNG-2N5550 Datasheet
33Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Semtech Corporation
2N5550 SEMTECH-2N5550 Datasheet
131Kb / 2P
NPN Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications????
logo
Fairchild Semiconductor
2N5550 FAIRCHILD-2N5550 Datasheet
28Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2N5550

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
Amplifier Transistors
May, 2004 ??Rev. 4
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
Amplifier Transistors
May, 2004 ??Rev. 4
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
Amplifier Transistors
December, 2008 ??Rev. 1
BC327-25G ONSEMI-BC327-25G Datasheet
108Kb / 5P
Amplifier Transistors
September, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com