Electronic Components Datasheet Search
  English  ▼

X  

CPC1590 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1590
Description  Optically Isolated Gate Drive Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1590 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1590 Datasheet HTML 1Page - Clare, Inc. CPC1590 Datasheet HTML 2Page - Clare, Inc. CPC1590 Datasheet HTML 3Page - Clare, Inc. CPC1590 Datasheet HTML 4Page - Clare, Inc. CPC1590 Datasheet HTML 5Page - Clare, Inc. CPC1590 Datasheet HTML 6Page - Clare, Inc. CPC1590 Datasheet HTML 7Page - Clare, Inc. CPC1590 Datasheet HTML 8Page - Clare, Inc. CPC1590 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS-CPC1590 - R00B
PRELIMINARY
1
RoHS
2002/95/EC
e3
Pb
Driver Characteristics
Features
• Drives External Power MOSFET
• Low LED Current (2.5mA)
• Requires No External Power Supply
• Load Voltages up to 200V
• High Reliability
• Small 8-pin Surface Mount Flatpack Package
• Machine Insertable, Wave Solderable
• Tape and Reel Version Available
• 3750V
rms Input-to-Output Isolation
Applications
• Industrial Controls
• Instrumentation
• Medical Equipment Isolation
• Electronic Switching
• I/O Subsystems
• Appliances
Description
The CPC1590 is a MOSFET Gate Driver that requires
no external power supply: it regulates the MOSFET
voltage, up to 200V, down to 12.2V for internal use. It
is specifically designed for low duty cycle switching
frequencies that drive 4nF of gate capacitance.
The CPC1590 accomplishes very fast MOSFET
turn-on by supplying stored charge, from an external
capacitor, to the MOSFET gate when input control
current is applied to the device’s LED. After the
MOSFET is turned on, photocurrent from the input
optocoupler keeps it on for as long as sufficient input
control current flows, so there is no low-frequency
operating limit. When the MOSFET is turned off, the
storage capacitor charges from the device’s regulated
internal voltage in preparation for the next turn-on.
Because it is provided in a small, 8-pin, Flatpack
package and requires no separate power supply, the
CPC1590 provides a flexible design solution that
consumes the least amount of PCB land area.
Approvals
• UL Recognized Component File #: E76270
Ordering Information
Figure 1. CPC1590 Block Diagram
Parameter
Rating
Units
Input Current
2.5
mA
Switching Speed (IF=5mA, MOS Input Capacitance=4nF)
tON
12
tOFF1
125
μs
tOFF2
210
Part
Description
CPC1590P
8-Pin Flatpack (50/Tube)
CPC1590PTR
8-Pin Flatpack (1000/Reel)
2
3
1
4
NC
NC
8
5
6
7
CPC1590
LED +
LED -
V
CAP
V
L1
V
G
V
L2
CPC1590
Optically Isolated Gate Drive Circuit


Similar Part No. - CPC1590

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1590 IXYS-CPC1590 Datasheet
220Kb / 10P
Optically Isolated Gate Driver
logo
Littelfuse
CPC1590 LITTELFUSE-CPC1590 Datasheet
1Mb / 10P
Optically Isolated Gate Driver
11/18/2025
logo
IXYS Corporation
CPC1590P IXYS-CPC1590P Datasheet
220Kb / 10P
Optically Isolated Gate Driver
logo
Littelfuse
CPC1590P LITTELFUSE-CPC1590P Datasheet
1Mb / 10P
Optically Isolated Gate Driver
11/18/2025
logo
IXYS Corporation
CPC1590PTR IXYS-CPC1590PTR Datasheet
220Kb / 10P
Optically Isolated Gate Driver
More results

Similar Description - CPC1590

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
logo
Clare, Inc.
CPC1580 CLARE-CPC1580 Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
Teledyne Technologies I...
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
Isolated IGBT/Power MOSFET gate drive
logo
Willow Technologies Ltd
C75 WILLOW-C75 Datasheet
613Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection
logo
ISOCOM COMPONENTS
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
Isolated IGBT/MOSFET Gate Drive
logo
Teledyne Technologies I...
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
logo
IXYS Corporation
CPC1580 IXYS-CPC1580 Datasheet
285Kb / 13P
Optically Isolated Gate Drive Circuit
CPC1590 IXYS-CPC1590 Datasheet
220Kb / 10P
Optically Isolated Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com