Electronic Components Datasheet Search
  English  ▼

X  

CPC1590 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1590
Description  Optically Isolated Gate Drive Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1590 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1590 Datasheet HTML 1Page - Clare, Inc. CPC1590 Datasheet HTML 2Page - Clare, Inc. CPC1590 Datasheet HTML 3Page - Clare, Inc. CPC1590 Datasheet HTML 4Page - Clare, Inc. CPC1590 Datasheet HTML 5Page - Clare, Inc. CPC1590 Datasheet HTML 6Page - Clare, Inc. CPC1590 Datasheet HTML 7Page - Clare, Inc. CPC1590 Datasheet HTML 8Page - Clare, Inc. CPC1590 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CPC1590
R00B
PRELIMINARY
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 ESD Rating
1.5 Recommended Operating Conditions
1
2
3
4
8
7
6
5
LED +
LED -
N/C
N/C
V
CAP
V
L1
V
L2
V
G
Pin#
Name
Description
1
-
Not connected
2
LED +
Positive input to LED
3
LED -
Negative input to LED
4
-
Not connected
5
VG
Output, MOSFET Gate Control
6
VL2
-Load Voltage DC, ±Load Voltage AC
7
VL1
+Load Voltage DC, ±Load Voltage AC
8
VCAP
Storage Capacitor Voltage
Parameter
Rating
Units
Blocking Voltage (VDS)
200
VP
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation
20
mW
Total Package Dissipation
200
mW
Isolation Voltage (Input to Output)
3750
Vrms
Operational Temperature
-40 to +110
°C
Storage Temperature
-40 to +125
°C
ESD Rating
(Human Body Model)
1000 V
Parameter
Symbol
Min
Max
Units
Load Voltage
VL
15
200
V
Input Control Current
IF
2.5
10
mA
Forward Voltage Drop
VF
11.4
V
Operating Temperature
TA
-40
+110
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com