Electronic Components Datasheet Search
  English  ▼

X  

SIO1049 Datasheet(PDF) 6 Page - SMSC Corporation

Part # SIO1049
Description  LPC Media Center Consumer IR Controller with Windows VistaTM Remote Control Support
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SIO1049 Datasheet(HTML) 6 Page - SMSC Corporation

  SIO1049 Datasheet HTML 1Page - SMSC Corporation SIO1049 Datasheet HTML 2Page - SMSC Corporation SIO1049 Datasheet HTML 3Page - SMSC Corporation SIO1049 Datasheet HTML 4Page - SMSC Corporation SIO1049 Datasheet HTML 5Page - SMSC Corporation SIO1049 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LPC Media Center Consumer IR Controller with Windows® VistaTM Remote Control Support
Revision 0.37 (04-25-07)
6
SMSC SIO1049
PRODUCT PREVIEW
Package Outline
Notes:
1. Controlling Unit: millimeter.
2. Tolerance on the true position of the leads is ± 0.035 mm maximum.
3. Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is 0.25 mm per side. D1 and E1 dimensions determined at datum plane
H.
4. Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5. Details of pin 1 identifier are optional but must be located within the zone indicated.
Figure 3 64 Pin STQFP Package Outline, 7X7X1.4 Body, 2 MM Footprint
Table 1 64 Pin STQFP Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
~
~
1.60
Overall Package Height
A1
0.05
~
0.15
Standoff
A2
1.35
1.40
1.45
Body Thickness
D
8.80
9.00
9.20
X Span
D1
6.80
7.00
7.20
X body Size
E
8.80
9.00
9.20
Y Span
E1
6.80
7.00
7.20
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length
L1
~
1.00 REF.
~
Lead Length
e
0.40 Basic
Lead Pitch
0o
~7o
Lead Foot Angle
W
0.13
0.18
0.23
Lead Width
ccc
~
~
0.08
Coplanarity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com