Electronic Components Datasheet Search
  English  ▼

X  

SIO1049 Datasheet(PDF) 1 Page - SMSC Corporation

Part # SIO1049
Description  LPC Media Center Consumer IR Controller with Windows VistaTM Remote Control Support
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SIO1049 Datasheet(HTML) 1 Page - SMSC Corporation

  SIO1049 Datasheet HTML 1Page - SMSC Corporation SIO1049 Datasheet HTML 2Page - SMSC Corporation SIO1049 Datasheet HTML 3Page - SMSC Corporation SIO1049 Datasheet HTML 4Page - SMSC Corporation SIO1049 Datasheet HTML 5Page - SMSC Corporation SIO1049 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMSC SIO1049
PRODUCT PREVIEW
Revision 0.37 (04-25-07)
Data Brief
PRODUCT FEATURES
SIO1049
LPC Media Center
Consumer IR Controller
with Windows® VistaTM
Remote Control Support
3.3 Volt Operation (5V Tolerant)
Programmable Wakeup Event Interface (IO_PME#
Pin)
SMI Support (IO_SMI# Pin)
GPIOs (14)
Two IRQ Input Pins
XNOR Chain
PC99a, PC2001
ACPI 2.0 Compliant
64-pin STQFP Lead-free RoHS Compliant Package
Intelligent Auto Power Management
Serial Ports
—
One Full Function Serial Port
—
High Speed 16C550A Compatible UART with
Send/Receive 16-Byte FIFO
—
Supports 230k and 460k Baud
—
Programmable Baud Rate Generator
—
Modem Control Circuitry
Infrared Communications Controllers
—Two IR Ports
—
Multi-Protocol Serial Communications Controllers
—
One IrDA v1.2 (4Mbps), HPSIR, ASKIR, Consumer IR
Support
—
One Consumer IR Port (CIRCC3) with Support for NEC
PPM, Phillips RC5 and Microsoft CIR Protocols, and
PME Wake-up Option; New Capability to Capture
Carrier Frequency for Learn Mode
—
4-Channel IR Emitter Transmit Capability (BIRCC)
—
Multiple Base I/O Address Options, 15 IRQ Options and
3 DMA Options
Multi-Mode Parallel Port with ChiProtect™
—
Standard Mode IBM PC/XT®, PC/AT®, and PS/2™
Compatible Bidirectional Parallel Port
—
Enhanced Parallel Port (EPP) Compatible - EPP 1.7
and EPP 1.9 (IEEE 1284 Compliant)
—
IEEE 1284 Compliant Enhanced Capabilities Port
(ECP)
—
ChiProtect Circuitry for Protection Against Damage Due
to Printer Power-On
—
192 Base I/O Address, 15 IRQ and 3 DMA Options
LPC Bus Host Interface
—
Multiplexed Command, Address and Data Bus
—
8-Bit I/O Transfers
—8-Bit DMA Transfers
—
16-Bit Address Qualification
—
Serial IRQ Interface Compatible with Serialized IRQ
Support for PCI Systems
—
PCI CLKRUN# Support
—
Power Management Event (IO_PME#) Interface Pin


Similar Part No. - SIO1049

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SIO1049 MICROSEMI-SIO1049 Datasheet
199Kb / 6P
Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
SIO1049-JV MICROSEMI-SIO1049-JV Datasheet
199Kb / 6P
Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
More results

Similar Description - SIO1049

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA2208-3 SIEMENS-SDA2208-3 Datasheet
327Kb / 9P
IR REMOTE CONTROL TRANSMITTER WITH IR DIODE DRIVER
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
logo
Motorola, Inc
MC144105 MOTOROLA-MC144105 Datasheet
505Kb / 7P
IR REMOTE CONTROL TRANSMITTER
logo
SMSC Corporation
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
Super I/O with LPC Interface with FIR and Consumer IR Support
logo
Microsemi Corporation
SIO1049 MICROSEMI-SIO1049 Datasheet
199Kb / 6P
Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
logo
SMSC Corporation
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
logo
Rohm
BU92747XXX ROHM-BU92747XXX Datasheet
1Mb / 46P
IrDA Controller LSI built-in Ir remote control
logo
Motorola, Inc
MC44107 MOTOROLA-MC44107 Datasheet
171Kb / 8P
IR Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com