Electronic Components Datasheet Search
  English  ▼

X  

CAP1088 Datasheet(PDF) 32 Page - SMSC Corporation

Part # CAP1088
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1088 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button CAP1088 Datasheet HTML 28Page - SMSC Corporation CAP1088 Datasheet HTML 29Page - SMSC Corporation CAP1088 Datasheet HTML 30Page - SMSC Corporation CAP1088 Datasheet HTML 31Page - SMSC Corporation CAP1088 Datasheet HTML 32Page - SMSC Corporation CAP1088 Datasheet HTML 33Page - SMSC Corporation CAP1088 Datasheet HTML 34Page - SMSC Corporation CAP1088 Datasheet HTML 35Page - SMSC Corporation CAP1088 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
32
SMSC CAP1088
DATASHEET
Chapter 5 Register Description
The registers shown in Table 5.1 are accessible through the communications protocol. An entry of ‘-’
indicates that the bit is not used and will always read ‘0’.
Table 5.1 Register Set in Hexadecimal Order
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE
00h
R/W
Main Status Control
Controls general power states and
power dissipation
00h
Page 35
03h
R
Sensor Status
Returns the state of the sampeld
Capacative Touch Sensor
00h
Page 36
04h
R
LED Status
Stores status bits for LEDs
00h
Page 36
0Ah
R
Noise Flag Status
Stores the noise flags for sensors
00h
Page 37
10h
R
Sensor 1 Delta Count
Stores the delta count for CS1
00h
Page 37
11h
R
Sensor 2 Delta Count
Stores the delta count for CS2
00h
Page 37
12h
R
Sensor 3 Delta Count
Stores the delta count for CS3
00h
Page 37
13h
R
Sensor 4 Delta Count
Stores the delta count for CS4
00h
Page 37
14h
R
Sensor 5 Delta Count
Stores the delta count for CS5
00h
Page 37
15h
R
Sensor 6 Delta Count
Stores the delta count for CS6
00h
Page 37
16h
R
Sensor 7 Delta Count
Stores the delta count for CS7
00h
Page 37
17h
R
Sensor 8 Delta Count
Stores the delta count for CS8
00h
Page 37
1Fh
R/W
Sensitivity Control
Controls the sensitivity of the
threshold and delta counts and data
scaling of the base counts
2Fh
Page 38
20h
R/W
Configuration
Controls general functionality and
LED controls
20h
Page 39
21h
R/W
Sensor Enable
Controls whether the Capacitive
Touch Sensor inputs are sampled
FFh
Page 40
22h
R/W
Sensor Configuration
Controls reset delay and auto-repeat
delay for sensors operating in the full
power state
A4h
Page 41
23h
R/W
Sensor Configuration
2
Controls the MPRESS controls for all
sensors
07h
Page 42
24h
R/W
Averaging and
Sampling Config
Controls averaging and sampling
window
1Dh
Page 43
26h
R/W
Calibration Activate
Activates manual re-calibration for
Capacative Touch Sensors
FFh
Page 44
27h
R/W
Interrupt Enable
Enables Interrupts associated with
Capacative Touch Sensors
FFh
Page 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com