Electronic Components Datasheet Search
  English  ▼

X  

CAP1088 Datasheet(PDF) 44 Page - SMSC Corporation

Part # CAP1088
Description  8 Channel Capacitive Touch Sensor with 8 LED Drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1088 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button CAP1088 Datasheet HTML 40Page - SMSC Corporation CAP1088 Datasheet HTML 41Page - SMSC Corporation CAP1088 Datasheet HTML 42Page - SMSC Corporation CAP1088 Datasheet HTML 43Page - SMSC Corporation CAP1088 Datasheet HTML 44Page - SMSC Corporation CAP1088 Datasheet HTML 45Page - SMSC Corporation CAP1088 Datasheet HTML 46Page - SMSC Corporation CAP1088 Datasheet HTML 47Page - SMSC Corporation CAP1088 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
44
SMSC CAP1088
DATASHEET
APPLICATION NOTE: The programmed cycle time is only maintained if the total averaging time for all samples is
less than the programmed cycle. The AVG[2:0] bits will take priority so that if more samples
are required than would normally be allowed during the cycle time, the cycle time will be
extended as necessary to accommodate the number of samples to be measured.
5.11
Calibration Activate Registers
The Calibration Activate register force the respective sensors to be re-calibrated. When a bit is set,
the corresponding Capacitive Touch Sensor will be re-calibrated and the bit will be automatically
cleared once the re-calibration routine has finished. During the re-calibration routine, the sensors will
not detect a press for up to 600ms and the Sensor Base Count register values will be invalid. During
this time, any press on the corresponding sensors will invalidate the re-calibration.
Bit 7 - CS8_CAL - When set, the CS8 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 6 - CS7_CAL - When set, the CS7 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 5 - CS6_CAL - When set, the CS6 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 4 - CS5_CAL - When set, the CS5 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 3 - CS4_CAL - When set, the CS4 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 2 - CS3_CAL - When set, the CS3 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 1 - CS2_CAL - When set, the CS2 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Bit 0 - CS1_CAL - When set, the CS1 input is re-calibrated. This bit is automatically cleared once the
sensor has been re-calibrated successfully.
Table 5.17 CYCLE_TIME Bit Decode
CYCLE_TIME[1:0]
OVERALL CYCLE TIME
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms
Table 5.18 Calibration Activate Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
26h
R/W
Calibration
Activate
CS8_CAL
CS7_CAL
CS6_CAL
CS5_CAL
CS4_CAL
CS3_CAL
CS2_CAL
CS1_CAL
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com