Electronic Components Datasheet Search
  English  ▼

X  

EMC2302 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 9Page - SMSC Corporation EMC2302 Datasheet HTML 10Page - SMSC Corporation EMC2302 Datasheet HTML 11Page - SMSC Corporation EMC2302 Datasheet HTML 12Page - SMSC Corporation EMC2302 Datasheet HTML 13Page - SMSC Corporation EMC2302 Datasheet HTML 14Page - SMSC Corporation EMC2302 Datasheet HTML 15Page - SMSC Corporation EMC2302 Datasheet HTML 16Page - SMSC Corporation EMC2302 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
13
Revision 1.1 (10-12-09)
DATASHEET
3.1.5
SMBus Stop Bit
The SMBus Stop bit is defined as a transition of the SMBus Data line from a logic ‘0’ state to a logic
‘1’ state while the SMBus clock line is in a logic ‘1’ state. When the EMC2302 detects an SMBus Stop
bit has been communicating with the SMBus protocol, it will reset its client interface and prepare to
receive further communications.
3.1.6
SMBus Time-out
The EMC2302 includes an SMBus timeout feature. Following a 30ms period of inactivity on the
SMBus, the device will time-out and reset the SMBus interface.
The SMBus timeout feature is disabled by default and can be enabled via clearing the DIS_TO bit in
the Configuration register (20h).
3.1.7
SMBus and I2C Compliance
The major difference between SMBus and I2C devices is highlighted here. For complete compliance
information refer to the SMBus 2.0 specification.
1. Minimum frequency for SMBus communications is 10kHz (I2C has no minimum frequency).
2. The slave protocol will reset if the clock is held low for longer than 30ms (I2C has no timeout).
3. The slave protocol will reset if both the clock and data lines are held high for longer than 150us.
4. I2C devices do not support the Alert Response Address functionality (which is optional for SMBus).
5. The Block Read and Block Write protocols are only compliant with I2C data formatting. They do
not support SMBus formatting for Block Read and Block Write protocols.
3.2
SMBus Protocols
The EMC2302 is SMBus 2.0 compatible and supports Send Byte, Read Byte, Receive Byte and Write
Byte as valid protocols as shown below. It will respond to the Alert Response Address protocol but is
not in full compliance.
All of the below protocols use the convention in Table 3.1. When reading the protocol blocks, the value
of YYYY_YYYb should be replaced with the respective SMBus addresses.
3.2.1
Write Byte
The Write Byte is used to write one byte of data to the registers as shown below Table 3.2.
Table 3.1 Protocol Format
DATA SENT
TO DEVICE
DATA SENT TO
THE HOST
# of bits sent
# of bits sent
Table 3.2 Write Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
STOP
1 -> 0
YYYY_YYYb
0
0
XXh
0
XXh
0
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com