Electronic Components Datasheet Search
  English  ▼

X  

EMC2302 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC2302 Datasheet HTML 1Page - SMSC Corporation EMC2302 Datasheet HTML 2Page - SMSC Corporation EMC2302 Datasheet HTML 3Page - SMSC Corporation EMC2302 Datasheet HTML 4Page - SMSC Corporation EMC2302 Datasheet HTML 5Page - SMSC Corporation EMC2302 Datasheet HTML 6Page - SMSC Corporation EMC2302 Datasheet HTML 7Page - SMSC Corporation EMC2302 Datasheet HTML 8Page - SMSC Corporation EMC2302 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
SMSC EMC2302
DATASHEET
Revision 1.1 (10-12-09)
Datasheet
PRODUCT FEATURES
EMC2302
Dual RPM-Based PWM
Fan Controller
General Description
The EMC2302 is an SMBus compliant fan controller with
up to two independently controlled PWM fan drivers.
Each fan driver is controlled by a programmable
frequency PWM driver and Fan Speed Control algorithm
that operates in either a closed loop fashion or as a
directly PWM-controlled device.
The closed loop Fan Speed Control algorithm (FSC) has
the capability to detect aging fans and alert the system.
It will likewise detect stalled or locked fans and trigger
an interrupt.
Additionally, the EMC2302 offers a clock output so that
multiple devices may be chained and slaved to the
same clock source for optimal performance in large
distributed systems.
Applications
Servers
Projectors
Industrial and Networking Equipment
Notebook Computers
Features
Two Programmable Fan Control circuits (EMC2302)
—
4-wire fan compatible
—
High speed PWM (26 kHz)
—
Low speed PWM (9.5Hz - 2240 Hz)
—
Optional detection of aging fans
—
Fan Spin Up Control and Ramp Rate Control
—
Alert on Fan Stall
Watchdog Timer
RPM-based fan control algorithm
—
0.5% accuracy from 500 RPM to 16k RPM (external
crystal oscillator)
—
1% accuracy from 500 RPM to 16k RPM (internal clock)
SMBus 2.0 Compliant
—
SMBus Alert compatible
CLK Pin can provide a clock source output
Available in a 10-pin MSOP Lead-free RoHS
Compliant package
Block Diagram
SMBus
Slave
Protocol
PWM
Drivers
SMCLK
SMDATA
Tachometer
Limit
Registers
Tach
Measurement
CLK
ALERT#
Fan Speed Control Algorithm
Fan Speed Control Algorithm
TACH1
TACH2
PWM1
PWM2


Similar Part No. - EMC2302

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC2302 MICROCHIP-EMC2302 Datasheet
969Kb / 70P
Single/Multiple RPM-Based PWM Fan Controller
02/28/20
logo
SMSC Corporation
EMC2302-1-AIZL-TR SMSC-EMC2302-1-AIZL-TR Datasheet
688Kb / 45P
Dual RPM-Based PWM Fan Controller
EMC2302-2-AIZL-TR SMSC-EMC2302-2-AIZL-TR Datasheet
688Kb / 45P
Dual RPM-Based PWM Fan Controller
logo
Microchip Technology
EMC2302-2-AIZL-TR MICROCHIP-EMC2302-2-AIZL-TR Datasheet
969Kb / 70P
Single/Multiple RPM-Based PWM Fan Controller
02/28/20
logo
SMSC Corporation
EMC2302 SMSC-EMC2302_11 Datasheet
688Kb / 45P
Dual RPM-Based PWM Fan Controller
More results

Similar Description - EMC2302

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2301 SMSC-EMC2301 Datasheet
653Kb / 42P
RPM-Based PWM Fan Controller
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
Multiple RPM-Based PWM Fan Controller
EMC2305 SMSC-EMC2305 Datasheet
861Kb / 55P
Multiple RPM-Based PWM Fan Controller for Five Fans
EMC2305 SMSC-EMC2305_11 Datasheet
869Kb / 56P
Multiple RPM-Based PWM Fan Controller for Five Fans
EMC2303 SMSC-EMC2303_11 Datasheet
805Kb / 52P
Multiple RPM-Based PWM Fan Controller for Three Fans
EMC2302 SMSC-EMC2302_11 Datasheet
688Kb / 45P
Dual RPM-Based PWM Fan Controller
EMC2301 SMSC-EMC2301_11 Datasheet
662Kb / 43P
RPM-Based PWM Fan Controller
EMC2104 SMSC-EMC2104_11 Datasheet
1Mb / 99P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
logo
Microchip Technology
EMC2301 MICROCHIP-EMC2301 Datasheet
969Kb / 70P
Single/Multiple RPM-Based PWM Fan Controller
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com