Electronic Components Datasheet Search
  English  ▼

X  

USB4640i Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 14Page - SMSC Corporation USB4640i Datasheet HTML 15Page - SMSC Corporation USB4640i Datasheet HTML 16Page - SMSC Corporation USB4640i Datasheet HTML 17Page - SMSC Corporation USB4640i Datasheet HTML 18Page - SMSC Corporation USB4640i Datasheet HTML 19Page - SMSC Corporation USB4640i Datasheet HTML 20Page - SMSC Corporation USB4640i Datasheet HTML 21Page - SMSC Corporation USB4640i Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
Revision 1.0 (06-09-09)
18
SMSC USB4640/USB4640i
DATASHEET
xD_nB/R
28
IPU
xD-Picture Card Busy or Data Ready
This pin is connected to the BSY/RDY pin of the xD-Picture Card
device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal power FET.
If an external FET is used (the internal FET is disabled), then the
internal pull-up is not available (an external pull-up is required).
xD_nCE
26
O8PU
xD-Picture Card Chip Enable
This pin is an active low chip enable signal for the xD-Picture Card
device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal power FET.
If an external FET is used (internal FET is disabled), then the internal
pull-up is not available (an external pull-up is required).
xD_CLE
24
O8PD
xD-Picture Card Command Strobe
This pin is an active high Command Latch Enable signal for the xD-
Picture Card device. This pin has a weak pull-down resistor that is
permanently enabled.
GPIO14 /
xD_nCD
29
I/O6
This general purpose pin may be used either as input, edge sensitive
interrupt input, or output. Custom firmware is required to activate this
function.
I/O8
xD-Picture Card Detection GPIO
This is a GPIO designated by the default firmware as the xD-Picture
Card detection pin and has an internal pull-up.
xD_nRE
27
O8PU
xD-Picture Card Read Enable
This pin is an active low read strobe signal for the xD-Picture Card
device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal power FET.
If an external FET is used (internal FET is disabled), then the internal
pull-up is not available (an external pull-up is required).
xD_nWE
22
O8PU
xD-Picture Card Write Enable
This pin is an active low write strobe signal for the xD-Picture Card
device.
When using the internal FET, this pin has an internal weak pull-up
resistor that is tied to the output of the internal power FET.
If an external FET is used (internal FET is disabled), then the internal
pull-up is not available (an external pull-up is required).
Table 6.1 USB4640/USB4640i Pin Descriptions (continued)
SYMBOL
48-PIN
QFN
BUFFER
TYPE
(Table 6.2)DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com