Electronic Components Datasheet Search
  English  ▼

X  

USB4640i Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB4640i
Description  High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4640i Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB4640i Datasheet HTML 27Page - SMSC Corporation USB4640i Datasheet HTML 28Page - SMSC Corporation USB4640i Datasheet HTML 29Page - SMSC Corporation USB4640i Datasheet HTML 30Page - SMSC Corporation USB4640i Datasheet HTML 31Page - SMSC Corporation USB4640i Datasheet HTML 32Page - SMSC Corporation USB4640i Datasheet HTML 33Page - SMSC Corporation USB4640i Datasheet HTML 34Page - SMSC Corporation USB4640i Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
Datasheet
SMSC USB4640/USB4640i
31
Revision 1.0 (06-09-09)
DATASHEET
Table 8.2 Hub Controller Configurations
ADDRESS
REGISTER NAME
DESCRIPTION
INTERNAL DEFAULT VALUE
DEh
VID_LSB
Vendor ID Least Significant Byte
24h
DFh
VID_MSB
Vendor ID Most Significant Byte
04h
E0h
PID_LSB
Product ID Least Significant Byte
40h
E1h
PID_MSB
Product ID Most Significant Byte
26h
E2h
DID_LSB
Device ID Least Significant Byte
A1h
E3h
DID_MSB
Device ID Most Significant Byte
08h
E4h
CFG_DAT_BYT1
Configuration Data Byte 1
8Bh
E5h
CFG_DAT_BYT2
Configuration Data Byte 2
28h
E6h
CFG_DAT_BYT3
Configuration Data Byte 3
00h
E7h
NR_DEVICE
Non-Removable Devices
02h
E8h
PORT_DIS_SP
Port Disable (Self)
00h
E9h
PORT_DIS_BP
Port Disable (Bus)
00h
EAh
MAX_PWR_SP
Max Power (Self)
01h
EBh
MAX_PWR_BP
Max Power (Bus)
32h
ECh
HC_MAX_C_SP
Hub Controller Max Current (Self)
01h
EDh
HC_MAX_C_BP
Hub Controller Max Current (Bus)
32h
EEh
PWR_ON_TIME
Power-on Time
32h
EFh
BOOST_UP
Boost_Up
00h
F0h
BOOST_3:0
Boost_3:0
00h
F1h
PRT_SWP
Port Swap
00h
F2h
PRTM12
Port Map 12
00h
F3h
PRTM3
Port Map 3
00h
Table 8.3 Other Internal Configurations
ADDRESS
REGISTER NAME
DESCRIPTION
INTERNAL DEFAULT VALUE
F4h
Reserved
Reserved
00h
F5h
Reserved
Reserved
66h
F6h
Reserved
Reserved
00h
F7-FAh
Not Applicable
-
N/A
FBh
Not Applicable
-
00h
FCh-FFh
NVSTORE_SIG
Non-Volatile Storage Signature
“ATA2”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com