Electronic Components Datasheet Search
  English  ▼

X  

CF5075AM-4 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5075AM-4
Description  VCXO Module IC with Built-in Varicap
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5075AM-4 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5075AM-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5075AM-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5075 series
SEIKO NPC CORPORATION —4
ABSOLUTE MAXIMUM RATINGS
VSS = 0V
RECOMMENDED OPERATING CONDITIONS
VSS = 0V
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage range
VDD
Between VDD and VSS
−0.5 to 7.0
V
Input voltage range
VIN
Input pins
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
Output pins
−0.5 to VDD + 0.5
V
Storage temperature range
TSTG
Wafer form, chip form
−65 to +150
°C
Output current
IOUT
Q pin
20
mA
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Operating supply voltage
VDD
CLOUT ≤ 15pF
2.25
–
3.63
V
Input voltage
VIN
Input pins
VSS
–VDD
V
Operating temperature
TOPR
–40
–
+85
°C
Oscillation frequency*1
*1. The oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillation frequency
range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation
characteristics of components must be carefully evaluated.
fO
5075
×1 to 5075×5
20–40
MHz
5075
×J to 5075×N
40–55
MHz
Output frequency
fOUT
CLOUT ≤ 15pF
5075
×1 to 5075×5
1.25
–
40
MHz
5075
×J to 5075×N
2.5
–
55
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com