Electronic Components Datasheet Search
  English  ▼

X  

HMC615LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC615LP4
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC615LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC615LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9
9 - 367
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
MxN Spurious @ IF Port
nLO
mRF
0
1234
0xx
-11
-1
6
10
150
16
37
36
258
67
55
51
60
398
102
103
82
91
499
99
104
106
107
RF Freq. = 3 GHz @ -10 dBm
LO Freq. = 2.8 GHz @ 0 dBm
All values in dBc relative to the IF power level.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
18
13
29
31
1.8
5
23
18
34
2.6
11
12
27
30
3.4
15
16
48
27
4.2
7
18
27
27
516
27
38
43
LO = 0 dBm
All values in dBc below input LO level measured at RF port.
Typical Supply Current
Vcc
Icc (mA)
+5.0
62 mA
HMC615LP4 / 615LP4E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 2.3 - 4.0 GHz
v01.0407



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com