Electronic Components Datasheet Search
  English  ▼

X  

HMC615LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC615LP4
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC615LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC615LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC615LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9
9 - 366
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. Temperature @ LO = 4 dBm
Input IP3 vs. LO Drive
Input IP2 vs. LO Drive
Input P1dB vs. Temperature @ LO = 4 dBm
Input IP2 vs. Temperature @ LO = 4 dBm
HMC615LP4 / 615LP4E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 2.3 - 4.0 GHz
v01.0407
0
10
20
30
40
50
1.8
2.2
2.6
3
3.4
3.8
4.2
LO= -2 dBm
LO= 0 dBm
LO= 2 dBm
LO= 4 dBm
LO= 6 dBm
FREQUENCY (GHz)
0
10
20
30
40
50
1.8
2.2
2.6
3
3.4
3.8
4.2
LO= -2 dBm
LO= 0 dBm
LO= 2 dBm
LO= 4 dBm
LO= 6 dBm
FREQUENCY (GHz)
10
15
20
25
30
1.7
2.1
2.5
2.9
3.3
3.7
4.1
+25C
+85C
-40C
FREQUENCY (GHz)
0
10
20
30
40
50
1.8
2.2
2.6
3
3.4
3.8
4.2
+ 25C
+ 85C
- 40C
FREQUENCY (GHz)
0
10
20
30
40
50
1.8
2.2
2.6
3
3.4
3.8
4.2
+ 25C
+ 85C
- 40C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com