Electronic Components Datasheet Search
  English  ▼

X  

CPC1394 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1394
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1394 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1394 Datasheet HTML 1Page - Clare, Inc. CPC1394 Datasheet HTML 2Page - Clare, Inc. CPC1394 Datasheet HTML 3Page - Clare, Inc. CPC1394 Datasheet HTML 4Page - Clare, Inc. CPC1394 Datasheet HTML 5Page - Clare, Inc. CPC1394 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPC1394
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Forward Voltage (V)
1.230
1.235
1.240
1.245
1.250
1.255
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=5mA)
On Resistance (
Ω)
25.50 25.75 26.00 26.25 26.50 26.75 27.00
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=120mA, IF=2mA)
Blocking Voltage (V
P)
680
685
690
695
700
705
710
715
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
LED Current (mA)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=120mA)
Turn-On Time (ms)
0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.00
0
5
10
15
20
Typical Turn-On Time
(N=50, T
A=25ºC, IL=120mA, IF=5mA)
Turn-Off Time (ms)
0.34 0.37 0.40 0.43 0.46 0.49 0.52 0.55
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=120mA, IF=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
70
80
90
100
110
120
130
Typical Load Current vs. Temperature
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
Typical Leakage vs. Temperature
(V
L=600V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
600
625
650
675
700
725
750
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On vs. Temperature
(I
L=70mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
200
300
400
500
600
700
800
900
Typical Turn-Off vs. Temperature
(I
L=70mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com