Electronic Components Datasheet Search
  English  ▼

X  

CPC1394 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1394
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1394 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1394 Datasheet HTML 1Page - Clare, Inc. CPC1394 Datasheet HTML 2Page - Clare, Inc. CPC1394 Datasheet HTML 3Page - Clare, Inc. CPC1394 Datasheet HTML 4Page - Clare, Inc. CPC1394 Datasheet HTML 5Page - Clare, Inc. CPC1394 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
CPC1394
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Current (mA)
0
1020
304050
0
1
2
3
4
5
Typical Turn-On
vs. LED Forward Current
(T
A=25ºC, IL=70mA)
LED Current (mA)
0
1020
304050
0.45
0.47
0.49
0.51
0.53
0.55
Typical Turn-Off
vs. LED Forward Current
(T
A=25ºC, IL=70mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
15
20
25
30
35
Typical On-Resistance vs. Temperature
(I
L=70mA, IF=2mA)
LED Forward Voltage (V)
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical I
F for Switch Operation
vs. Temperature
(I
L=70mA)
Load Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
Typical Load Current vs. Load Voltage
(I
F=2mA)
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
0.0
0.2
0.4
0.6
0.8
1.0
Energy Rating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com