Electronic Components Datasheet Search
  English  ▼

X  

FM24V02 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM24V02
Description  256Kb Serial 3V F-RAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V02 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM24V02 Datasheet HTML 7Page - Ramtron International Corporation FM24V02 Datasheet HTML 8Page - Ramtron International Corporation FM24V02 Datasheet HTML 9Page - Ramtron International Corporation FM24V02 Datasheet HTML 10Page - Ramtron International Corporation FM24V02 Datasheet HTML 11Page - Ramtron International Corporation FM24V02 Datasheet HTML 12Page - Ramtron International Corporation FM24V02 Datasheet HTML 13Page - Ramtron International Corporation FM24V02 Datasheet HTML 14Page - Ramtron International Corporation FM24V02 Datasheet HTML 15Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 0.1
Mar. 2009
Page 13 of 15
AC Test Conditions
Equivalent AC Test Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write cycles.
Clock specifications are identical for read and write cycles. Write
timing parameters apply to slave address, word address, and write data
bits. Functional relationships are illustrated in the relevant datasheet
sections. These diagrams illustrate the timing parameters only.
Read Bus Timing
t
SU:SDA
Start
t
R
`
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
Data Retention (TA = -40° C to +85° C)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years
3.6V
Output
1.8 Kohm
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com