Electronic Components Datasheet Search
  English  ▼

X  

FM24V02 Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # FM24V02
Description  256Kb Serial 3V F-RAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24V02 Datasheet(HTML) 3 Page - Ramtron International Corporation

  FM24V02 Datasheet HTML 1Page - Ramtron International Corporation FM24V02 Datasheet HTML 2Page - Ramtron International Corporation FM24V02 Datasheet HTML 3Page - Ramtron International Corporation FM24V02 Datasheet HTML 4Page - Ramtron International Corporation FM24V02 Datasheet HTML 5Page - Ramtron International Corporation FM24V02 Datasheet HTML 6Page - Ramtron International Corporation FM24V02 Datasheet HTML 7Page - Ramtron International Corporation FM24V02 Datasheet HTML 8Page - Ramtron International Corporation FM24V02 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 0.1
Mar. 2009
Page 3 of 15
Overview
The FM24V02 is a family of serial F-RAM memory
devices. The memory array is logically organized as a
32,768 x 8 bit memory array and is accessed using an
industry standard two-wire (I2C) interface. Functional
operation of the F-RAM is similar to serial
EEPROM. The major difference between the
FM24V02 and serial EEPROM is F-RAM’s superior
write performance.
Memory Architecture
When accessing the FM24V02, the user addresses
32,768 locations each with 8 data bits. These data bits
are shifted serially. The 32,768 addresses are
accessed using the two-wire protocol, which includes
a slave address (to distinguish other non-memory
devices) and a 2-byte address. All 15 address bits are
used by the decoder for accessing the memory.
The access time for memory operation is essentially
zero beyond the time needed for the serial protocol.
That is, the memory is read or written at the speed of
the two-wire bus. Unlike an EEPROM, it is not
necessary to poll the device for a ready condition
since writes occur at bus speed. That is, by the time a
new bus transaction can be shifted into the part, a
write operation will be complete. This is explained in
more detail in the interface section below.
Users expect several obvious system benefits from
the FM24V02 due to its fast write cycle and high
endurance as compared with EEPROM. However
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than an EEPROM
since it is completed quickly. By contrast, an
EEPROM requiring milliseconds to write is
vulnerable to noise during much of the cycle.
Note that it is the user’s responsibility to ensure that
VDD is within datasheet tolerances to prevent
incorrect operation.
Two-wire Interface
The FM24V02 employs a bi-directional two-wire bus
protocol using few pins or board space. Figure 2
illustrates a typical system configuration using the
FM24V02 in a microcontroller-based system. The
industry standard two-wire bus is familiar to many
users but is described in this section.
By convention, any device that is sending data onto
the bus is the transmitter while the target device for
this data is the receiver. The device that is controlling
the bus is the master. The master is responsible for
generating the clock signal for all operations. Any
device on the bus that is being controlled is a slave.
The FM24V02 always is a slave device.
The bus protocol is controlled by transition states in
the SDA and SCL signals. There are four conditions
including start, stop, data bit, or acknowledge. Figure
3 illustrates the signal conditions that specify the four
states. Detailed timing diagrams are shown in the
electrical specifications section.
Microcontroller
SDA
SCL
FM24V02
A0 A1 A2
SDA
SCL
FM24V02
A0 A1 A2
VDD
Rmin = 1.1 Kohm
Rmax = tR/Cbus
Figure 2. Typical System Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com