Electronic Components Datasheet Search
  English  ▼

X  

WH5 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # WH5
Description  Aluminium Housed Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WH5 Datasheet(HTML) 3 Page - Welwyn Components Limited

  WH5 Datasheet HTML 1Page - Welwyn Components Limited WH5 Datasheet HTML 2Page - Welwyn Components Limited WH5 Datasheet HTML 3Page - Welwyn Components Limited WH5 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aluminium Housed
Wirewound Resistors
Performance Data
WH5 - 50
WH100 - 300
Actual
CECC 40203-006
Requirements
Maximum
Typical
Maximum
Load at commercial rating: 1000hrs at 25°C
ΔR%
1
1
0.4
2
Load at CECC rating: 1000hrs at 25°C
ΔR%
1
1
0.4
N/A
Dry heat: 1000hrs at 200°C
ΔR%
1
1
0.4
2
Derating from 25°C
Zero at 200°C, see derating graph
Short-term overload
ΔR%
1
1
0.2
Climatic sequence
ΔR%
1
1
0.4
Climatic category
55/200/56
Long-term damp heat
ΔR%
1
0.5
0.2
Temperature rapid change
ΔR%
0.25
0.25
0.1
0.25
Resistance to solder heat
ΔR%
0.25
0.25
0.05
WH100: 0.5
Vibration and bump
ΔR%
0.25
0.25
0.025
Noise (in decade of frequency)
μV/V
Not specified
0
0
0
Insulation resistance
ohms
1G min
10G min
Pulse and overload performance
Not specified
See graphs
Note: A 0.05 ohm addition is to be added to the performance of all resistors < 10 ohms.
Application Notes
After soldering care should be taken to ensure that there are no flux residues on the end faces of the moulding
compound, otherwise insulation resistance will be reduced. The minimum surface tracking distances from termination
to casing are shown in the Physical Data tables as dimension Dt.
It is recommended that the resistor base should be coated with heatsink compound before mounting to obtain the
stated operating characteristics. The heatsink compound increases thermal conductivity to the heatsink.
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
1
10
0.1
1
10
100
1000
Overload Duration (s)
WH5&10
WH100-300
WH25-300
WH5-50
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
10000 100000
Value (ohms)
WH5
WH10
WH25
WH50
WH100
WH200
WH300
Pulse and Overload Performance
For short durations of
≤0.1s the energy graph should
be used. For longer durations the overload graph
applies.
Terminations
WH5-100
Material
Pb-free solder dipped, copper clad steel
Strength
The terminations meet the requirements
of IEC 68.2.21
Solderability
The terminations meet the requirements
of IEC 115-1, clause 4.17.3.2
WH200 & 300
Material
M6 threaded steel terminal
Strength
Termination robustness 50N
Solderability
Non-solderable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com