Electronic Components Datasheet Search
  English  ▼

X  

WH5 Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # WH5
Description  Aluminium Housed Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WH5 Datasheet(HTML) 4 Page - Welwyn Components Limited

  WH5 Datasheet HTML 1Page - Welwyn Components Limited WH5 Datasheet HTML 2Page - Welwyn Components Limited WH5 Datasheet HTML 3Page - Welwyn Components Limited WH5 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aluminium Housed
Wirewound Resistors
The standard aluminium heatsinks are defined in the table below. If smaller heatsinks are used then derating should
be applied as indicated in the graph below.
WH200 and WH300 are supplied with a set of four M6 nuts and washers. The screw terminations can support a
maximum tightening torque of 5Nm.
Packaging
WH5-100 resistors are packed in plastic bags and boxed. WH200 & 300 are individually boxed.
Ordering Procedure
Example: WH25 at 100 ohms with a 5% tolerance:
W H 2 5 – 1 0 0 R J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
G
2%
K
10%
Packing
I
Bulk
All Sizes
Standard
The following options apply to WH5 – 50 only:
For CECC released product state on order the CECC number and style. Example: WH25-3K3JI CECC40203-006 CA
For SnPb finish instead of Pb-free replace the packing suffix with PB. Example: WH25-3K3JPB
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
Type (CECC)
Thickness (mm)
Area (cm²)
WH5 (AA)
1
410
WH10 (BA)
1
410
WH25 (CA)
1
544
WH50 (DA)
1
544
WH50 @ 50W
1.5
930
WH100
3
1000
WH200
3
3800
WH300
3
5800
Reference heatsink dimensions
1
10
100
1000
1
10
100
1000
10000
Heatsink Surface Area (cm
2)
WH10/BA 70°C
WH10/BA 25°C
WH5/AA 70°C
WH5/AA 25°C
WH25/CA 70°C
WH25/CA 25°C
DA 70°C
DA 25°C
WH50 25°C
WH100 70°C
WH100 25°C
WH200 70°C
WH200 25°C
WH300 70°C
WH300 25°C
0
20
40
60
80
1 00
1 20
0
100
200
A m b ie n t T e m p e ra tu r e (° C)
Derating for reduced heatsink dimensions
Derating for ambient temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com