Electronic Components Datasheet Search
  English  ▼

X  

CPC7220W Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7220W
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7220W Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7220W Datasheet HTML 1Page - Clare, Inc. CPC7220W Datasheet HTML 2Page - Clare, Inc. CPC7220W Datasheet HTML 3Page - Clare, Inc. CPC7220W Datasheet HTML 4Page - Clare, Inc. CPC7220W Datasheet HTML 5Page - Clare, Inc. CPC7220W Datasheet HTML 6Page - Clare, Inc. CPC7220W Datasheet HTML 7Page - Clare, Inc. CPC7220W Datasheet HTML 8Page - Clare, Inc. CPC7220W Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.clare.com
DS-CPC7220-R00H
1
CPC7220
Low Charge Injection 8-Channel
High Voltage Analog Switch
RoHS
2002/95/EC
e3
Pb
Features
Description
The CPC7220 is a low charge injection 8-channel
high-voltage analog switch integrated circuit (IC) for
use in applications requiring high voltage switching.
Control of the high voltage switching is via low
voltage TTL logic level compatible inputs for direct
connectivity to the system controller.
Switch manipulation is managed by an 8-bit serial to
parallel shift register whose outputs are buffered and
stored by an 8-bit transparent latch. Level shifters
buffer the latch outputs and operate the high voltage
switches.
Because the CPC7220 is capable of switching high
load voltages and has a flexible load voltage range,
e.g. V
PP/VNN : +40V/-160V or +100V/-100V, it is well
suited for many medical and industrial applications
such as medical ultrasound imaging, printers, and
industrial measurement equipment.
Construction of the high voltage switches using
Clare's reliable BCDMOS process technology on
SOI (Silicon On Insulator) allow the switches to be
organized as solid state switches with direct gate
drive.
• Processed with BCDMOS on SOI (Silicon On
Insulator)
• DC to 10MHz analog signal frequency
• Surface mount package available
• Low quiescent power dissipation (< 1µA typical)
• Output on-resistance typically 20
Ω
• TTL I/O's for 3.3V interface
• Adjustable high voltage supplies
Ordering Information
Block Diagram
Applications
• Ultrasound imaging
• Printers
• Industrial controls and measurement
CLK
D
CL
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
CL
D
LE
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
DIN
DOUT
CL
LE
V
NN
V
PP
SR0
SR7
SR1
SR2
SR3
SR4
SR5
SR6
LS0
LS7
LS1
LS2
LS3
LS4
LS5
LS6
L0
L7
L1
L2
L3
L4
L5
L6
LATCHES
SHIFT
REGISTER
SWITCHES
LEVEL
SHIFTERS
Part Number
Description
CPC7220W
28-Lead PLCC in Tubes (37/Tube)
CPC7220WTR
28-Lead PLCC Tape & Reel (500/Reel)
CPC7220K
48-Lead LQFP in Trays (250/Tray)
CPC7220KTR
48-Lead LQFP Tape & Reel (1000/Reel)


Similar Part No. - CPC7220W

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220W IXYS-CPC7220W Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
CPC7220WTR IXYS-CPC7220WTR Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results

Similar Description - CPC7220W

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
200V Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com