Electronic Components Datasheet Search
  English  ▼

X  

CPC7220W Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC7220W
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7220W Datasheet(HTML) 2 Page - Clare, Inc.

  CPC7220W Datasheet HTML 1Page - Clare, Inc. CPC7220W Datasheet HTML 2Page - Clare, Inc. CPC7220W Datasheet HTML 3Page - Clare, Inc. CPC7220W Datasheet HTML 4Page - Clare, Inc. CPC7220W Datasheet HTML 5Page - Clare, Inc. CPC7220W Datasheet HTML 6Page - Clare, Inc. CPC7220W Datasheet HTML 7Page - Clare, Inc. CPC7220W Datasheet HTML 8Page - Clare, Inc. CPC7220W Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.clare.com
2
CPC7220
R00H
4
26
25
19
27
28
2
3
24
23
22
21
20
12
18
17
16
15
14
13
5
11
6789
10
1
CPC7220
Name
Description
1
SW3
SW3 output
2
SW3
SW3 output
3
SW2
SW2 output
4
SW2
SW2 output
5
SW1
SW1 output
6
SW1
SW1 output
7
SW0
SW0 output
8
SW0
SW0 output
10
V
PP
Switch positive high voltage supply
12
V
NN
Switch negative high voltage supply
13
GND
Ground
14
V
DD
Logic positive voltage supply
16
D
IN
Serial data input
17
CLK
Clock input, positive edge trigger
18
LE
Latch enable, active low
19
CL
Latch clear, active high clears latches and opens switches
20
D
OUT
Serial data output
21
SW7
SW7 output
22
SW7
SW7 output
23
SW6
SW6 output
24
SW6
SW6 output
25
SW5
SW5 output
26
SW5
SW5 output
27
SW4
SW4 output
28
SW4
SW4 output
9, 11, 15
N/C
No Connection
PLCC Package Pinout
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com