Electronic Components Datasheet Search
  English  ▼

X  

CPC7232 Datasheet(PDF) 10 Page - Clare, Inc.

Part # CPC7232
Description  8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7232 Datasheet(HTML) 10 Page - Clare, Inc.

Back Button CPC7232 Datasheet HTML 5Page - Clare, Inc. CPC7232 Datasheet HTML 6Page - Clare, Inc. CPC7232 Datasheet HTML 7Page - Clare, Inc. CPC7232 Datasheet HTML 8Page - Clare, Inc. CPC7232 Datasheet HTML 9Page - Clare, Inc. CPC7232 Datasheet HTML 10Page - Clare, Inc. CPC7232 Datasheet HTML 11Page - Clare, Inc. CPC7232 Datasheet HTML 12Page - Clare, Inc. CPC7232 Datasheet HTML 13Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CPC7232
10
www.clare.com
R00E
2.1 Truth Table
2.2 Logic Timing Waveforms
Notes:
1. The eight switches operate independently.
2. Serial data is clocked in on the L
? H transition CLK.
3. The switches go to a state retaining their present condition at the rising edge of LE. When LE is low the shift
register data flows through the latch.
4. DOUT is high when switch 7 is on.
5. Shift register clocking has no effect on the switch states if LE is H.
6. The clear input overrides all other inputs.
D0
D1
D2
D3
D4
D5
D6
D7
LE
CL
SW0 SW1 SW2 SW3 SW4 SW5 SW6 SW7
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
X
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
X
H
OFF OFF OFF OFF OFF OFF OFF OFF
D
N-1
D
N
D
N+1
50%
50%
50%
50%
D
IN
LE
t
WLE
t
SD
50%
50%
CLK
t
SU
t
H
t
DO
50%
D
OUT
t
OFF
t
ON
90%
10%
OFF
ON
CL
50%
50%
t
WCL
V
OUT
(TYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com