Electronic Components Datasheet Search
  English  ▼

X  

CPC7232 Datasheet(PDF) 12 Page - Clare, Inc.

Part # CPC7232
Description  8-Channel High Voltage Analog Switch with Built-in Bleeder Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7232 Datasheet(HTML) 12 Page - Clare, Inc.

Back Button CPC7232 Datasheet HTML 5Page - Clare, Inc. CPC7232 Datasheet HTML 6Page - Clare, Inc. CPC7232 Datasheet HTML 7Page - Clare, Inc. CPC7232 Datasheet HTML 8Page - Clare, Inc. CPC7232 Datasheet HTML 9Page - Clare, Inc. CPC7232 Datasheet HTML 10Page - Clare, Inc. CPC7232 Datasheet HTML 11Page - Clare, Inc. CPC7232 Datasheet HTML 12Page - Clare, Inc. CPC7232 Datasheet HTML 13Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CPC7232
12
www.clare.com
R00E
3.2 Tape and Reel Specifications
3.2.1 PLCC-28
3.2.2 LQFP-48
TBD
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
24.0±0.3
(0.945±0.012)
Dimensions
mm
(inches)
11.5±0.1
(0.453±0.004)
16.00±0.10
(0.63±0.004)
13.0±0.10
(0.512±0.004)
13.0±0.10
(0.512±0.004)
1.75±0.10
(0.069±0.004)
4.9±0.10
(0.193±0.004)
2.0±0.10
(0.079±0.004)
4.0
(0.157)
16.0±0.3
(0.629±0.012
Dimensions
mm
(inches)
7.5±0.1
(0.295±0.004)
12.00±0.10
(0.47±0.004)
12.00±0.10
(0.47±0.004)
9.30±0.10
(0.366±0.004)
6.40±0.10
(0.252)
9.30±0.10
(0.366±0.004)
1.75±0.10
(0.069±0.004)
2.20±0.10
(0.087±0.004)
1.60±0.10
(0.063±0.004)
2.00±0.10
(0.079±0.004)
4.00
(0.157)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com