Electronic Components Datasheet Search
  English  ▼

X  

CPC75282 Datasheet(PDF) 14 Page - Clare, Inc.

Part # CPC75282
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC75282 Datasheet(HTML) 14 Page - Clare, Inc.

Back Button CPC75282 Datasheet HTML 10Page - Clare, Inc. CPC75282 Datasheet HTML 11Page - Clare, Inc. CPC75282 Datasheet HTML 12Page - Clare, Inc. CPC75282 Datasheet HTML 13Page - Clare, Inc. CPC75282 Datasheet HTML 14Page - Clare, Inc. CPC75282 Datasheet HTML 15Page - Clare, Inc. CPC75282 Datasheet HTML 16Page - Clare, Inc. CPC75282 Datasheet HTML 17Page - Clare, Inc. CPC75282 Datasheet HTML 18Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
CPC75282
14
www.clare.com
R00D
Break-before-make operation occurs when the ringing
switches open before the break switches, SW1 and
SW2, close.
2.3.5: Break-Before-Make Ringing to Talk Transition Logic Sequence CPC7592xA/B
2.3.6 Break -Before- Make Operation
Break-before-make operation can be achieved using
OFFx to disable all of the switches when pulled to a
logic low. Although logically disabled, an active
(closed) ringing switch, SW4, will remain closed until
the next zero crossing current event.
1.
Pull OFFx to a logic low to end the ringing state.
This opens the ringing return switch, SW3, and
prevents any other switches from closing.
2.
Keep OFFx low for at least one-half the duration
of the ringing cycle period to allow sufficient time
for a zero crossing current event to occur and for
the circuit to enter the break-before-make state.
3.
During the OFFx low period, set the P1, P2, and
P3 inputs to the idle/talk state.
4.
Release OFFx , allowing the internal pull-up to
activate the break switches.
2.4 Data Latch
The CPC75282 has integrated transparent data
latches. The latch enable operation is controlled by
logic input levels at the LATCHx pin. Data input to the
latch is via the input pins P1, P2, and P3 while the
outputs of the data latch are internal nodes used for
state control. When the latch enable control pin is at a
logic 0 the data latch is transparent and the input
control signals flow directly through the data latch to
the state control circuitry. A change in input will be
reflected by a change in the switch states.
Whenever the latch enable control pin is at logic 1, the
data latch is active and data is locked. Subsequent
changes to the input controls P1, P2, and P3 will not
result in a change to the control logic or affect the
existing switch states.
The switches will remain in the state they were in
when the LATCHx changes from logic 0 to logic 1, and
will not respond to changes in input as long as the
LATCHx is at logic 1. However, neither the TSDx nor
the OFFx are affected by the latch function. Since
internal thermal shutdown control and external OFFx
control is not affected by the state of the latch enable
input, TSDx and OFFx will override state control.
2.5 TSD Pin Description
The TSDx pins are bidirectional I/O structures with
internal pull-up resistors sourced from VDD. As
outputs, these pins indicate the status of the thermal
shutdown circuitry for the associated channels.
Typically, during normal operation, these pins will be
pulled up to VDD , but, under fault conditions that
create excess thermal loading, the channels will enter
thermal shutdown and a logic low will be output.
As inputs, the TSDx pins are utilized to place the
channel into the All-Off state by simply pulling the
input low. For applications using low-voltage logic
devices (lower than VDD), Clare recommends the use
of an open-collector or an open-drain type output to
control TSDx. This avoids sinking the TSDx pull up bias
current to ground during normal operation when the
All-Off state is not required. If TSDx is set to a logic 1 or
State
CFG=0, P3=0
P2
P1
LATCHx OFFx
Timing
Break
Switches
1x & 2x
Ringing
Return
Switch
3x
Ringing
Switch
4x
Test
Switches
5x & 6x
Ringing
1
0
0
1-
Off
On
On
Off
All-Off
1
1
0
Hold this state for at least one-half of the
ringing cycle. SW4 waiting for zero
current to turn off.
Off
Off
On
Off
All-Off
1
1
0
Zero current has occurred.
SW4 has opened
OffOff
OffOff
Talk
0
0
1
Break switches close.
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com