Electronic Components Datasheet Search
  English  ▼

X  

CPC75282 Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC75282
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC75282 Datasheet(HTML) 5 Page - Clare, Inc.

  CPC75282 Datasheet HTML 1Page - Clare, Inc. CPC75282 Datasheet HTML 2Page - Clare, Inc. CPC75282 Datasheet HTML 3Page - Clare, Inc. CPC75282 Datasheet HTML 4Page - Clare, Inc. CPC75282 Datasheet HTML 5Page - Clare, Inc. CPC75282 Datasheet HTML 6Page - Clare, Inc. CPC75282 Datasheet HTML 7Page - Clare, Inc. CPC75282 Datasheet HTML 8Page - Clare, Inc. CPC75282 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CPC75282
R00D
www.clare.com
5
1.7 Switch Specifications
1.7.1 Break Switches, SW1 and SW2
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage Current
VSW1 (differential) = TLINE to TBAT
VSW2 (differential) = RLINE to RBAT
All-Off state.
+25
°C,
VSW (differential) = -320V to gnd
VSW (differential) = +260V to -60V
ISW
--
1
μA
+85
° C,
VSW (differential) = -330V to gnd
VSW (differential) = +270V to -60V
-40
°C,
VSW (differential) = -310V to gnd
VSW (differential) = +250V to -60V
On Resistance
ISW(on) = ±10mA, ±40mA,
RBAT and TBAT = -2V
+25
°C
RON
-
14.5
-
Ω
+85
°C-
31
-40
°C10.5
-
On Resistance
Matching
Per SW1 & SW2 On Resistance test
conditions.
ΔR
ON
-
0.02
1.0
Ω
ON-State Voltage 1
Maximum Differential Voltage (Vmax)
ΔV
ON
-
-
320
V
Foldback Voltage Breakpoint 1 (V1)
60
-
-
Foldback Voltage Breakpoint 2 (V2)V1 + 0.5
--
DC current limit 1 (ILIM1)
VSW (on) = ±10V, +25°C
ISW
-
300
mA
VSW (on) = ±10V, +85°C
80
VSW (on) = ±10V, -40°C
-
425
DC current limit 2 (ILIM2)
ISW
1-
-
Dynamic current limit
(t = <0.5
μs)
Break switches on, all other switches
off. Apply ±1 kV 10x1000
μs pulse with
appropriate protection in place.
ISW
-2.5
-
A
Logic Input to Switch
Output Isolation
+25
° C, OFF
x = 0,
VSW (TLINE, RLINE) = ±320V
ISW
--
1
μA
+85
° C, OFF
x = 0,
VSW (TLINE, RLINE) = ±330V
--
-40
° C, OFF
x = 0,
VSW (TLINE, RLINE) = ±310V
--
Transient Immunity 2
dV/dt
1500
2100
-
V/
μs
1 Choice of secondary protector should ensure this rating is not exceeded.
2 Applied voltage is 100V
P-P square wave at 100Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com