Electronic Components Datasheet Search
  English  ▼

X  

FM32276 Datasheet(PDF) 12 Page - Ramtron International Corporation

Part # FM32276
Description  5V Integrated Processor Companion with Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM32276 Datasheet(HTML) 12 Page - Ramtron International Corporation

Back Button FM32276 Datasheet HTML 8Page - Ramtron International Corporation FM32276 Datasheet HTML 9Page - Ramtron International Corporation FM32276 Datasheet HTML 10Page - Ramtron International Corporation FM32276 Datasheet HTML 11Page - Ramtron International Corporation FM32276 Datasheet HTML 12Page - Ramtron International Corporation FM32276 Datasheet HTML 13Page - Ramtron International Corporation FM32276 Datasheet HTML 14Page - Ramtron International Corporation FM32276 Datasheet HTML 15Page - Ramtron International Corporation FM32276 Datasheet HTML 16Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
FM32278/276/274/272 - 5V I2C Companion
Rev. 3.0
Feb. 2009
Page 12 of 21
Slave Address
The first byte that the FM3227x expects after a Start
condition is the slave address. As shown in figures
below, the slave address contains the Slave ID,
Device Select address, and a bit that specifies if the
transaction is a read or a write.
The FM3227x has two Slave Addresses (Slave IDs)
associated with two logical devices. To access the
memory device, bits 7-4 should be set to 1010b. The
other logical device within the FM3227x is the real-
time clock and companion. To access this device,
bits 7-4 of the slave address should be set to 1101b.
A bus transaction with this slave address will not
affect the memory in any way. The figures below
illustrate the two Slave Addresses.
The Device Select bits allow multiple devices of the
same type to reside on the 2-wire bus. The device
select bits (bits 2-1) select one of four parts on a two-
wire bus. They must match the corresponding value
on the external address pins in order to select the
device. Bit 0 is the read/write bit. A “1” indicates a
read operation, and a “0” indicates a write operation.
1
010X
A1
A0
R/W
Slave ID
Device
Select
76
5
4
3
2
1
0
Figure 10. Slave Address - Memory
Figure 11. Slave Address – Companion
Addressing Overview – Memory
After the FM3227x acknowledges the Slave
Address, the master can place the memory address
on the bus for a write operation. The address requires
two bytes. This is true for all members of the family.
Therefore the 4Kb and 16Kb configurations will be
addressed differently from stand alone serial
memories but the entire family will be upwardly
compatible with no software changes.
The first is the MSB (upper byte). For a given
density unused address bits are don’t cares, but
should be set to 0 to maintain upward compatibility.
Following the MSB is the LSB (lower byte) which
contains the remaining eight address bits. The
address is latched internally. Each access causes the
latched address to be incremented automatically. The
current address is the value that is held in the latch,
either a newly written value or the address following
the last access. The current address will be held as
long as VDD > VTP or until a new value is written.
Accesses to the clock do not affect the current
memory address. Reads always use the current
address. A random read address can be loaded by
beginning a write operation as explained below.
After transmission of each data byte, just prior to the
Acknowledge, the FM3227x increments the internal
address. This allows the next sequential byte to be
accessed with no additional addressing externally.
After the last address is reached, the address latch
will roll over to 0000h. There is no limit to the
number of bytes that can be accessed with a single
read or write operation.
Addressing Overview – Companion
The Processor Companion operates in a similar
manner to the memory, except that it uses only one
byte of address. Addresses 00h to 18h correspond to
special function registers. Attempting to load
addresses above 18h is an illegal condition; the
FM3227x will return a NACK and abort the 2-wire
transaction.
Data Transfer
After the address information has been transmitted,
data transfer between the bus master and the
FM3227x begins. For a read, the FM3227x will
place 8 data bits on the bus then wait for an ACK
from the master. If the ACK occurs, the FM3127x
will transfer the next byte. If the ACK is not sent, the
FM3227x will end the read operation. For a write
operation, the FM3227x will accept 8 data bits from
the master then send an Acknowledge. All data
transfer occurs MSB (most significant bit) first.
Memory Write Operation
All memory writes begin with a Slave Address, then
a memory address. The bus master indicates a write
operation by setting the slave address LSB to a 0.
After addressing, the bus master sends each byte of
data to the memory and the memory generates an
Acknowledge condition. Any number of sequential
bytes may be written. If the end of the address range
is reached internally, the address counter will wrap
to 0000h. Internally, the actual memory write occurs
after the 8th data bit is transferred. It will be complete
before the Acknowledge is sent. Therefore, if the
1
10
1
X
A1
A0R/W
Slave ID
76
5
4
3
2
1
0
Device
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com