Electronic Components Datasheet Search
  English  ▼

X  

FM32276 Datasheet(PDF) 16 Page - Ramtron International Corporation

Part # FM32276
Description  5V Integrated Processor Companion with Memory
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM32276 Datasheet(HTML) 16 Page - Ramtron International Corporation

Back Button FM32276 Datasheet HTML 12Page - Ramtron International Corporation FM32276 Datasheet HTML 13Page - Ramtron International Corporation FM32276 Datasheet HTML 14Page - Ramtron International Corporation FM32276 Datasheet HTML 15Page - Ramtron International Corporation FM32276 Datasheet HTML 16Page - Ramtron International Corporation FM32276 Datasheet HTML 17Page - Ramtron International Corporation FM32276 Datasheet HTML 18Page - Ramtron International Corporation FM32276 Datasheet HTML 19Page - Ramtron International Corporation FM32276 Datasheet HTML 20Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
FM32278/276/274/272 - 5V I2C Companion
Rev. 3.0
Feb. 2009
Page 16 of 21
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +7.0V * and
VIN ≤ VDD+1.0V **
VBAK
Backup Supply Voltage
-1.0V to +4.5V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Charged Device Model (JEDEC Std JESD22-C101-A)
3kV
1kV
Package Moisture Sensitivity Level
MSL-1
* PFI input voltage must not exceed 4.5V.
** The “VIN < VDD+1.0V” restriction does not apply to the SCL and SDA inputs which do not employ a diode to VDD.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only,
and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 4.0V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
4.0
5.5
V
7
IDD
VDD Supply Current
@
SCL = 100 kHz
@
SCL = 400 kHz
@
SCL = 1 MHz
500
900
1500
µA
µA
µA
1
ISB
Standby Current
150
µA
2
VBAK
Backup Supply Voltage
2.0
3.0
3.75
V
9
IBAK
Backup Supply Current
1
µA
4
IBAKTC
Trickle Charge Current with VBAK=0V
Fast Charge Off (FC = 0)
Fast Charge On (FC = 1)
50
200
-
-
120
2500
µA
µA
10
VTP1
VDD Trip Point Voltage, VTP = 0
3.80
3.9
4.00
V
5
VTP2
VDD Trip Point Voltage, VTP = 1
4.25
4.4
4.50
V
5
VRST
VDD for valid /RST @ IOL = 80 µA at VOL
VBAK > VBAK min
VBAK < VBAK min
0
1.6
V
V
6
ILI
Input Leakage Current
±1
µA
3
ILO
Output Leakage Current
±1
µA
3
VIL
Input Low Voltage
All inputs except those listed below
CNT1-2 battery backed (VDD < 2.5V)
CNT1-2 (VDD > 2.5V)
-0.3
-0.3
-0.3
0.3 VDD
0.5
0.8
V
V
V
8
VIH
Input High Voltage
All inputs except those listed below
PFI (comparator input)
CNT1-2 battery backed (VDD < 2.5V)
CNT1-2 VDD > 2.5V
0.7 VDD
-
VBAK – 0.5
0.7 VDD
VDD + 0.3
3.75
VBAK + 0.3
VDD + 0.3
V
V
V
V
VOL
Output Low Voltage (IOL = 3 mA)
-
0.4
V
VOH
Output High Voltage (IOH = -2 mA)
2.4
-
V
RRST
Pull-up Resistance for /RST Inactive
50
400
K
Ω
Continued
»



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com