Electronic Components Datasheet Search
  English  ▼

X  

MX887PHTTR Datasheet(PDF) 1 Page - Clare, Inc.

Part # MX887PHTTR
Description  關Power Hall-Effect Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX887PHTTR Datasheet(HTML) 1 Page - Clare, Inc.

  MX887PHTTR Datasheet HTML 1Page - Clare, Inc. MX887PHTTR Datasheet HTML 2Page - Clare, Inc. MX887PHTTR Datasheet HTML 3Page - Clare, Inc. MX887PHTTR Datasheet HTML 4Page - Clare, Inc. MX887PHTTR Datasheet HTML 5Page - Clare, Inc. MX887PHTTR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS-MX887P - August 10, 2009
www.clare.com
1
RoHS
2002/95/EC
e3
Pb
Features
•
μPower Operation (15 μW typical at 25°C)
• Omnipolar (switches with N or S pole)
• 2.5V to 5.5V Operation
• CMOS Push-Pull Output
• Ultra Low Offset Canceling Amplifiers Provide
Sensitive, Accurate, Stable Switching Points and
Immunity to Mechanical Stress
• Solid State Reliability
• Operating Temperature Range: -40°C to +85°C
• RoHS Compliant TSOT-23 3-Lead Package
Applications
• Handheld Portable Devices
• White Goods
• Automotive - Body Systems
• Security Systems
• High Reliability Reed Switch Replacement
Description
The MX887P integrated Hall-Effect switch targets the
requirements of low-power portable devices with
battery operating voltages from 2.5V to 5.5V. On-chip
power management circuitry reduces the effective
average current to just 5
μA at V
SUPPLY = 3VDC .
The switch output will transition to the Ground
potential when either a north or south magnetic pole is
applied. The removal of a magnetic field will transition
the switch to the VSUPPLY potential. Emulating the
behavior of a traditional reed switch, together with the
advantages of high integration and solid state
reliability, makes the MX887P an ideal replacement in
low-power portable device applications.
Ordering Information
Figure 1. Functional Block Diagram
Part
Description
MX887PHTTR
TSOT-23 3L Tape & Reel (3000/Reel)
Hall
Sensor
V
SUPPLY
Output
Power Management Logic
1
2
3
MX887P
μPower Hall-Effect Switch


Similar Part No. - MX887PHTTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX887PHTTR IXYS-MX887PHTTR Datasheet
151Kb / 6P
uPower Operation (15uW typical at 25째C)
More results

Similar Description - MX887PHTTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
210Kb / 9P
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
logo
Clare, Inc.
MX887D CLARE-MX887D Datasheet
271Kb / 6P
關Power Hall-Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com