Electronic Components Datasheet Search
  English  ▼

X  

MX887PHTTR Datasheet(PDF) 5 Page - Clare, Inc.

Part # MX887PHTTR
Description  關Power Hall-Effect Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MX887PHTTR Datasheet(HTML) 5 Page - Clare, Inc.

  MX887PHTTR Datasheet HTML 1Page - Clare, Inc. MX887PHTTR Datasheet HTML 2Page - Clare, Inc. MX887PHTTR Datasheet HTML 3Page - Clare, Inc. MX887PHTTR Datasheet HTML 4Page - Clare, Inc. MX887PHTTR Datasheet HTML 5Page - Clare, Inc. MX887PHTTR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MX887P
August 10, 2009
www.clare.com
5
3
Manufacturing Information
3.1 Mechanical Dimensions
3.1.1 TSOT23 3-Lead Package
3.1.2 Tape & Reel Packaging
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
Recommended PCB Land Pattern
2.60 / 3.00
(0.102 / 0.118)
0.10 / 0.25
(0.004 / 0.010)
0.37 / 0.47
(0.015 / 0.019)
2.80 / 3.00
(0.110 / 0.118)
0.75 / 0.90
(0.030 / 0.035)
0.95 BSC
(0.037 BSC)
1.50 / 1.70
(0.059 / 0.067)
0.35 / 0.51
(0.014 / 0.020)
0.00 / 0.10
(0.000 / 0.004)
0.70 / 0.80
(0.028 / 0.031)
1.90 BSC
(0.0748 BSC)
0.60 REF
(0.0236 REF)
0.25 BSC
(0.0098 BSC)
0.10 MIN
(0.004 MIN)
5º NOM
7º NOM
0º / 8º
1
2
3
1.05
(0.041)
2.70
(0.106)
0.95
(0.037)
0.60
(0.024)
Notes: (Unless otherwise specified)
1. Dimension “D” does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, and gate burrs shall not exceed 0.10mm
(0.004 inches) per side.
2. Dimension “E” does not include inter-lead flash or protrusions. Inter-lead flash and protrusions shall not exceed 0.15mm (0.006 inches) per side.
3. Package top may be smaller than package bottom. Dimensions “D” and “E1” are determined at the outermost extreme of the plastic body
excluding mold flash, tie bar burrs, gate burrs, and interlead flash, but including any mismatch between top and bottom of the plastic body.
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.066 MAX.
(0.003 MAX.)
178 DIA.
(7.01 DIA.)
Dimensions
mm
(inches)
K
0=1.1 ± 0.1
(0.043 ± 0.004)
P=4.0 ± 0.1
(0.157 ± 0.004)
A
O=3.2 ± 0.1
(0.126 ± 0.004)
B
O=3.2 ± 0.1
(0.126 ± 0.004)
W=8.0 ± 0.2
(0.315 ± 0.008)
P=4.0 ± 0.1
(0.157 ± 0.004)
2.0 ± 0.05
(0.079 ± 0.002)
1.75 ± 0.1
(0.069 ± 0.004)
ø1.5, +0.1, -0
(ø0.059, +0.004, -0)
3.5 ± 0.05
(0.138 ± 0.002)
ø1.1 ± 0.1
(0.043 ± 0.004)
0.25 ± 0.05
(0.001 ± 0.002)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com