Electronic Components Datasheet Search
  English  ▼

X  

MX6895 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MX6895
Description  -550V Full Bridge Gate Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX6895 Datasheet(HTML) 2 Page - IXYS Corporation

  MX6895 Datasheet HTML 1Page - IXYS Corporation MX6895 Datasheet HTML 2Page - IXYS Corporation MX6895 Datasheet HTML 3Page - IXYS Corporation MX6895 Datasheet HTML 4Page - IXYS Corporation MX6895 Datasheet HTML 5Page - IXYS Corporation MX6895 Datasheet HTML 6Page - IXYS Corporation MX6895 Datasheet HTML 7Page - IXYS Corporation MX6895 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MX6895
IXYS
Absolute Maximum Ratings (Voltages with respect to GND=0V)
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VDD
-0.3
15
V
Lamp Supply Voltage
VPP
-600
V
Input Voltage
VINA, VINB
-0.3
VDD+0.3V
V
Gate Driver Output Voltage
(VG1-VA1)
(VG2-VA2)
(VG3-VPP)
(VG4-VPP)
-0.3
20
V
Power Dissipation
PTOT
1
W
Storage Temperature
TSTG
-50
150
C
o
Operating Junction Temp
TJ
150
C
o
Thermal Resistance
(Junction to Ambient)
RθJA
42 Typical
(NOTE 1)
C
o/W
Input Capacitance of
external Power Transistors
CISS(LOAD)
0.4
1.5
nF
Absolute Maximum Ratings
are stress ratings. Stresses
in excess of these ratings
can
cause
permanent
damage
to
the
device.
Functional operation of the
device at these or any other
conditions
beyond
those
indicated in the operational
sections of this data sheet is
not implied. Exposure of the
device
to
the
absolute
maximum
ratings
for
an
extended
period
may
degrade
the
device
and
affect its reliability.
Note 1: 4 layer PCB
Pin Description
Pin No.
Pin Name
Description
1
G2
High Side Gate Driver 2 Output
2
A2
High Side Gate Driver 2 Floating DC Power Return
3
NC
No Connect
4
G4
Low Side Gate Driver 4 Output
5
NC
No Connect
6
INB
Control Input for High Side Driver 2 and Low Side Driver 3
7
INA
Control Input for High Side Driver 1 and Low Side Driver 4
8
VDD
Logic Power Supply
9
VPP
High Voltage Negative Lamp Supply
10
NC
No Connect
11
G3
Low Side Gate Driver 3 Output
12
NC
No Connect
13
A1
High Side Gate Driver 1 Floating DC Power Return
14
G1
High Side Gate Driver 1 Output
15
NC
No Connect
16
GND
Ground
NOTE: The Exposed Thermal Pad of the device package must be connected to Ground.
ESD Warning
ESD (electrostatic discharge) sensitive device. Although the MX6895 features proprietary ESD protection circuitry,
permanent damage may be sustained if subjected to high energy electrostatic discharges. Proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
MX6895
2
10/18/07
Drawing No.689509
PRELIMINARY
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com