Electronic Components Datasheet Search
  English  ▼

X  

MX6895 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MX6895
Description  -550V Full Bridge Gate Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX6895 Datasheet(HTML) 4 Page - IXYS Corporation

  MX6895 Datasheet HTML 1Page - IXYS Corporation MX6895 Datasheet HTML 2Page - IXYS Corporation MX6895 Datasheet HTML 3Page - IXYS Corporation MX6895 Datasheet HTML 4Page - IXYS Corporation MX6895 Datasheet HTML 5Page - IXYS Corporation MX6895 Datasheet HTML 6Page - IXYS Corporation MX6895 Datasheet HTML 7Page - IXYS Corporation MX6895 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MX6895
4
10/18/07
Drawing No.689509
PRELIMINARY
www.claremicronix.com
MX6895
IXYS
AC Electrical Characteristics
VDD = 10V, VPP = -85V, VA1 = VA2 = 0V, TA=25oC, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Frequency
fOP
0.5
KHz
High Side ON Time @ VOUT=5V
tONH
CLOAD = 1.0nF
2.7
µS
High Side OFF Time @ VOUT=2V
tOFFH
CLOAD = 1.0nF
0.4
µS
Low Side ON Time @ VOUT=5V
tONL
CLOAD = 1.0nF
1.0
µS
Low Side OFF Time @ VOUT=2V
tOFFL
CLOAD = 1.0nF
0.3
µS
Notes: 1. VOUT is the voltage on CLOAD at the defined time.
2. VOUT = VG1-VA1, or VOUT = VG2-VA2, or VOUT = VG3-VPP, or VOUT = VG4-VPP
AC Test Circuit
G2
G1
A1
A2
G4
G3
VPP
VDD
INA
INB
GND
VPP
8
7
6
4
2
1
16
14
13
11
9
MX6895
VDD
INA
INB
GND
CLOAD
CLOAD
CLOAD
CLOAD
VG1-VA1
VG2-VA2
VG3-
VPP
VG4-
VPP
VA2
AC Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com