Electronic Components Datasheet Search
  English  ▼

X  

MX8771R Datasheet(PDF) 3 Page - IXYS Corporation

Part # MX8771R
Description  16-Channel, 60V Driver Push-Pull Output, I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8771R Datasheet(HTML) 3 Page - IXYS Corporation

  MX8771R Datasheet HTML 1Page - IXYS Corporation MX8771R Datasheet HTML 2Page - IXYS Corporation MX8771R Datasheet HTML 3Page - IXYS Corporation MX8771R Datasheet HTML 4Page - IXYS Corporation MX8771R Datasheet HTML 5Page - IXYS Corporation MX8771R Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MX8771
IXYS
AC Electrical Characteristics
VCC=5.0V, VPWR=42V, TA=25
oC, unless otherwise specified.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OUTX Rise Time
From 10% to 90%,
C(OUTx) = 200pF
170
nS
OUTX Fall Time
From 10% to 90%,
C(OUTx) = 200pF
140
nS
OE Rising to OUTX Rising
To 90%
1100
nS
OE Rising to OUTX Falling
To 90%
600
nS
To 10%, OUTx High
900
nS
OE Falling to OUTX High Z
To 10%, OUTx Low
900
nS
Pin Description
Pin No.
Pin Name
Description
2
GND
Ground
3
GND
Ground
4
VPWR
High Voltage Supply
5
VPWR
High Voltage Supply
6
VCC
Logic Supply
7
OUT15
byte 2 bit 7 Output
8
OUT14
byte 2 bit 6 Output
9
OUT13
byte 2 bit 5 Output
10
OUT12
byte 2 bit 4 Output
11
OUT11
byte 2 bit 3 Output
12
OUT10
byte 2 bit 2 Output
13
OUT9
byte 2 bit 1 Output
14
OUT8
byte 2 bit 0 Output
15
A0
I2C device address
16
A1
I2C device address
17
A2
I2C device address
18
SDA
I2C Serial Data
19
SCL
I2C Serial Clock
20
OE
Output Enable
21
RSTN
Reset, active low
22
OUT0
byte 1 bit 0 Output
23
OUT1
byte 1 bit 1 Output
24
OUT2
byte 1 bit 2 Output
25
OUT3
byte 1 bit 3 Output
26
OUT4
byte 1 bit 4 Output
27
OUT5
byte 1 bit 5 Output
28
OUT6
byte 1 bit 6 Output
1
OUT7
byte 1 bit 7 Output
MX8771
3
3/6/08
Drawing No. 877109
www.claremicronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com