Electronic Components Datasheet Search
  English  ▼

X  

TOP257EN Datasheet(PDF) 34 Page - Power Integrations, Inc.

Part # TOP257EN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP257EN Datasheet(HTML) 34 Page - Power Integrations, Inc.

Back Button TOP257EN Datasheet HTML 30Page - Power Integrations, Inc. TOP257EN Datasheet HTML 31Page - Power Integrations, Inc. TOP257EN Datasheet HTML 32Page - Power Integrations, Inc. TOP257EN Datasheet HTML 33Page - Power Integrations, Inc. TOP257EN Datasheet HTML 34Page - Power Integrations, Inc. TOP257EN Datasheet HTML 35Page - Power Integrations, Inc. TOP257EN Datasheet HTML 36Page - Power Integrations, Inc. TOP257EN Datasheet HTML 37Page - Power Integrations, Inc. TOP257EN Datasheet HTML 38Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Rev. F 01/09
34
TOP252-262
www.powerint.com
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Multi-Function (M), Voltage Monitor (V) and External Current Limit (X) Inputs
Output Overvoltage
Latching Shutdown
Threshold Current
I
OV(LS)
T
J = 25 °C
269
336
403
μA
V or M Pin Reset Voltage
V
V(TH) or
V
M(TH)
T
J = 25 °C
0.8
1.0
1.6
V
Remote ON/OFF
Negative Threshold
Current and Hysteresis
(M or X Pin)
I
REM (N)
T
J = 25 °C
Threshold
-35
-27
-20
μA
Hysteresis
5
V or M Pin Short Circuit
Current
I
V(SC) or
I
M(SC)
T
J = 25 °C
V
V, VM = VC
300
400
500
μA
X or M Pin Short Circuit
Current
I
X(SC) or
I
M(SC)
V
X, VM = 0 V
Normal Mode
-260
-200
-140
μA
Auto-Restart Mode
-95
-75
-55
V or M Pin Voltage
(Positive Current)
V
V or VM
I
V or IM = IUV
2.10
2.8
3.20
V
I
V or IM = IOV
TOP252-TOP257
2.79
3.0
3.21
TOP258-TOP262
2.83
3.0
3.25
V or M Pin Voltage
Hysteresis (Positive
Current)
V
V(hyst) or
V
M(hyst)
I
V or IM = IOV
0.2
0.5
V
X or M Pin Voltage
(Negative Current)
V
X or VM
I
X or IM = -50 μA
1.23
1.30
1.37
V
I
X or IM = -150 μA
1.15
1.22
1.29
Maximum Duty Cycle
Reduction Onset
Threshold Current
I
V(DC) or
I
M(DC)
I
C ≥ IB, TJ = 25 °C
18.9
22.0
24.2
μA
Maximum Duty Cycle
Reduction Slope
T
J = 25 °C
I
V(DC) < IV <48 μA or
I
M(DC) < IM <48 μA
-1.0
%/
μA
I
V or IM ≥48 μA
-0.25
Remote OFF DRAIN
Supply Current
I
D(RMT)
V
DRAIN = 150 V
X, V or M Pin
Floating
0.6
1.0
mA
V or M Pin Shorted to
CONTROL
1.0
1.6
Remote ON Delay
t
R(ON)
From Remote ON to Drain
Turn-On
See Note B
66 kHz
3.0
μs
132 kHz
1.5
Remote OFF Setup Time
t
R(OFF)
Minimum Time Before Drain
Turn-On to Disable Cycle
See Note B
66 kHz
3.0
μs
132 kHz
1.5
Frequency Input
FREQUENCY Pin
Threshold Voltage
V
F
See Note B
2.9
V
FREQUENCY Pin Input
Current
I
F
T
J = 25 °C
V
F = VC
10
55
90
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com